Electronic Components Datasheet Search
  English  ▼

X  

TCLT1102 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TCLT1102
Description  Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCLT1102 Datasheet(HTML) 1 Page - Vishay Siliconix

  TCLT1102 Datasheet HTML 1Page - Vishay Siliconix TCLT1102 Datasheet HTML 2Page - Vishay Siliconix TCLT1102 Datasheet HTML 3Page - Vishay Siliconix TCLT1102 Datasheet HTML 4Page - Vishay Siliconix TCLT1102 Datasheet HTML 5Page - Vishay Siliconix TCLT1102 Datasheet HTML 6Page - Vishay Siliconix TCLT1102 Datasheet HTML 7Page - Vishay Siliconix TCLT1102 Datasheet HTML 8Page - Vishay Siliconix TCLT1102 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 83514
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 2.1, 09-Jan-08
1
Optocoupler, Phototransistor Output,
SOP-6L5, Half Pitch, Long Mini-Flat Package
TCLT11..Series
Vishay Semiconductors
DESCRIPTION
The TCLT11.. series consists of a phototransistor optically
coupled to a gallium arsenide infrared-emitting diode in a
5-lead SOP-6L package.
The elements are mounted on one leadframe providing a
fixed distance between input and output for highest safety
requirements.
FEATURES
• SMD low profile 5 pin package
• Isolation test voltage 5000 VRMS
• CTR flexibility available see order information
• Special construction
• Extra low coupling capacitance
• Connected base
• DC input with transistor output
• Thickness turnout insulation
≥ 0.75 mm
• Creepage distance > 8 mm
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC and
WEEE 2002/96/EC
APPLICATIONS
• Switchmode power supplies
• Computer peripheral interface
• Microprocessor system interface
AGENCY APPROVALS
• UL1577, file no. E76222 system code W, double protection
• CSA E76222 22.2 bulletin 5A
• BSI IEC 60950 IEC 60065
• DIN EN 60747-5-2 (VDE 0884)/DIN EN 60747-5-5 pending
•FIMKO
Note
See the safety standard approval list "Agency Table" for more
detailed information.
Note
Available only on tape and reel.
C
17296
54
3
1
V
DE
2
ORDER INFORMATION
PART
REMARKS
TCLT1100
CTR 50 to 600 %, SOP-6L5
TCLT1102
CTR 63 to 125 %, SOP-6L5
TCLT1103
CTR 100 to 200 %, SOP-6L5
TCLT1104
CTR 160 to 320 %, SOP-6L5
TCLT1105
CTR 50 to 150 %, SOP-6L5
TCLT1106
CTR 100 to 300 %, SOP-6L5
TCLT1107
CTR 80 to 160 %, SOP-6L5
TCLT1108
CTR 130 to 260 %, SOP-6L5
TCLT1109
CTR 200 to 400 %, SOP-6L5


Similar Part No. - TCLT1102

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCLT1102 VISHAY-TCLT1102 Datasheet
205Kb / 9P
Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
03-Dec-04
TCLT1102 VISHAY-TCLT1102 Datasheet
158Kb / 6P
Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
16-May-13
More results

Similar Description - TCLT1102

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCLT11 VISHAY-TCLT11 Datasheet
205Kb / 9P
Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
03-Dec-04
TCLT1000 VISHAY-TCLT1000_07 Datasheet
129Kb / 9P
Optocoupler,Phototransistor Output, SOP-4L,Long Mini-Flat Package
21-Nov-07
TCLT100 VISHAY-TCLT100 Datasheet
130Kb / 6P
Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
29-Apr-11
TCLT110 VISHAY-TCLT110 Datasheet
158Kb / 6P
Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
16-May-13
TCLT111 VISHAY-TCLT111 Datasheet
152Kb / 7P
Optocoupler, Phototransistor Output, SOP-6L5, 110 °C Rated, Half Pitch, Long Mini-Flat Package
15-Oct-15
TCLT101 VISHAY-TCLT101 Datasheet
150Kb / 8P
Optocoupler, Phototransistor Output, SOP-6L4,110 C Rated, Long Mini-Flat Package
08-Jan-14
TCLT1600 VISHAY-TCLT1600_15 Datasheet
150Kb / 7P
Optocoupler, Phototransistor Output, AC Input, SOP-4L, Long Mini-Flat Package
13-Oct-15
TCLT111 VISHAY-TCLT111_V01 Datasheet
149Kb / 7P
Optocoupler, Phototransistor Output, SOP-6L5, 110 °C Rated, Half Pitch, Long Mini-Flat Package
15-Oct-15
TCLT100 VISHAY-TCLT100_V02 Datasheet
169Kb / 9P
Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
01-Dec-15
TCLT111 VISHAY-TCLT111_V02 Datasheet
149Kb / 7P
Optocoupler, Phototransistor Output, SOP-6L5, 110 °C Rated, Half Pitch, Long Mini-Flat Package
15-Oct-15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com