Electronic Components Datasheet Search
  English  ▼

X  

2SB507 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # 2SB507
Description  POWER TRANSISTORS(3.0A,60V,30W)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2SB507 Datasheet(HTML) 1 Page - Mospec Semiconductor

  2SB507 Datasheet HTML 1Page - Mospec Semiconductor 2SB507 Datasheet HTML 2Page - Mospec Semiconductor 2SB507 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A


Similar Part No. - 2SB507

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SB507 WINGS-2SB507 Datasheet
25Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
logo
Sanyo Semicon Device
2SB507 SANYO-2SB507 Datasheet
42Kb / 1P
PLANAR TYPE SILICON TRANSISTOR FOR AF POWER AMPLIFIER USE
logo
Savantic, Inc.
2SB507 SAVANTIC-2SB507 Datasheet
101Kb / 3P
Silicon PNP Power Transistors
logo
Dc Components
2SB507 DCCOM-2SB507 Datasheet
196Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
logo
Quanzhou Jinmei Electro...
2SB507 JMNIC-2SB507 Datasheet
164Kb / 3P
Silicon PNP Power Transistors
More results

Similar Description - 2SB507

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SA671 MOSPEC-2SA671 Datasheet
116Kb / 3P
POWER TRANSISTORS(3.0A,50V,25W)
2SB596 MOSPEC-2SB596 Datasheet
119Kb / 3P
POWER TRANSISTORS(4.0A,80V,30W)
2SB834 MOSPEC-2SB834 Datasheet
118Kb / 3P
POWER TRANSISTORS(3.0A,60V,30W)
2SC1061 MOSPEC-2SC1061 Datasheet
110Kb / 3P
POWER TRANSISTORS(3.0A,50V,25W)
2SD1088 MOSPEC-2SD1088 Datasheet
111Kb / 3P
POWER TRANSISTORS(6A,250V,30W)
2SD313 MOSPEC-2SD313 Datasheet
115Kb / 3P
POWER TRANSISTORS(3A,60V,30W)
2SD526 MOSPEC-2SD526 Datasheet
118Kb / 3P
POWER TRANSISTORS(4A,80V,30W)
2SD798 MOSPEC-2SD798 Datasheet
131Kb / 3P
POWER TRANSISTORS(6A,300V,30W)
2SD880 MOSPEC-2SD880 Datasheet
131Kb / 3P
POWER TRANSISTORS(3A,60V,30W)
MJE2360T MOSPEC-MJE2360T Datasheet
84Kb / 2P
POWER TRANSISTORS(0.5A,350V,30W)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com