Electronic Components Datasheet Search
  English  ▼

X  

TSDF1220 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TSDF1220
Description  12 GHz Silicon NPN Planar RF Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSDF1220 Datasheet(HTML) 5 Page - Vishay Siliconix

  TSDF1220 Datasheet HTML 1Page - Vishay Siliconix TSDF1220 Datasheet HTML 2Page - Vishay Siliconix TSDF1220 Datasheet HTML 3Page - Vishay Siliconix TSDF1220 Datasheet HTML 4Page - Vishay Siliconix TSDF1220 Datasheet HTML 5Page - Vishay Siliconix TSDF1220 Datasheet HTML 6Page - Vishay Siliconix TSDF1220 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TSDF1220 / 1220R / 1220W / 1220RW
Document Number 85066
Rev. 1.8, 08-Sep-08
Vishay Semiconductors
www.vishay.com
5
Package Dimensions in mm (Inches): SOT343
Package Dimensions in mm (Inches): SOT343R
foot print recommendation:
9612237
1.2 [0.047]
1.4 [0.055]
0.6 [0.024]
0.4 [0.016]
0.25 [0.010]
0.7 [0.028]
0.55 [0.022]
1.25 [0.049]
1.05 [0.041]
0.4 [0.016]
1.8 [0.071]
0.25 [0.010]
0.15 [0.006] min.
2.2 [0.087]
0.4 [0.016]
0.25 [0.010]
2.2 [0.087]
2 [0.079]
1.15 [0.045]
0.09 [0.035]
1.3 [0.051]
96 12238



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com