Electronic Components Datasheet Search
  English  ▼

X  

M52045FP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M52045FP
Description  PAL Video Chroma Signal Processor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52045FP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M52045FP Datasheet HTML 5Page - Renesas Technology Corp M52045FP Datasheet HTML 6Page - Renesas Technology Corp M52045FP Datasheet HTML 7Page - Renesas Technology Corp M52045FP Datasheet HTML 8Page - Renesas Technology Corp M52045FP Datasheet HTML 9Page - Renesas Technology Corp M52045FP Datasheet HTML 10Page - Renesas Technology Corp M52045FP Datasheet HTML 11Page - Renesas Technology Corp M52045FP Datasheet HTML 12Page - Renesas Technology Corp M52045FP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
M52045FP
Rev.2.00 Sep 14, 2006 page 9 of 13
Electrical Characteristics (cont.)
Item
Symbol
Min
Typ
Max
Unit
Test
No.
Test Conditions
Chroma section
Cacc (+4)
0
0.7
1.5
Acc control
characteristics
Cacc (–20)
–6.0
–2.0
0
dB
14
Input burst 0.2 Vp-p + CW 4.33 MHz shall
be 0 dB. Measure the output at pin (12)
when the input is changed to +4 dB and –20
dB, and calculate the ratio of the measured
amplitude to the output amplitude at 0 dB.
Killer operation
Ckilr
–54
–50
–42
dB
15
Input a chroma signal of 0.2 Vp-p to the
input. Reduce the amplitude and measure
the amplitude ratio when the voltage at pin
(15) exceeds 2.5 V.
Cast (4)
2.0
2.2
4.5
Cast (3)
1.5
2.0
4.0
Cast (1)
–8.5
–6
–4
Color control
characteristics
Cast (0, 5)
–17
–13
–10
dB
16
Input burst 0.2 Vp-p + CW 4.33 MHz,
change V20 to 2 V, 4 V, 3 V, 1 V and 0.5 V
to measure each output (100 kHz beat)
amplitude at pin (12), and calculate the ratio
between the measured amplitude and the
output amplitude at V20 = 1 V.
+350
+600
—
APC pull-in
range
∆ fapc
—
–600
–400
Hz
17
Input only SYNC, and after adjusting free
run, input 0.2 Vp-p
CW (
), then change
the frequency. Measure the frequency
when VCXO oscillator is placed in a locked
condition from the free-run condition.
B demodulator
sensitivity
DB
0.8
1.2
1.6
Vp-p
18
Input CW 4.33 MHz of 0.2 Vp-p to the input,
and measure the output amplitude at pin
(12) when V20 = 1 V.
R (R/B)
0.46
0.52
0.60
Demodulated
out put voltage
ratio
R (G/B)
0.20
0.30
0.40
—
19
Input CW 4.33 MHz of 0.2 Vp-p to the input,
measure the output amplitude at pins (10),
(11) when V20 = 1 V, and calculate the ratio
of the measured amplitude to the output
amplitude in Test No.18 above.
Killer output
voltage H
Vkiller H
2.5
3.2
—
Killer output
voltage L
Vkiller L
—
0.20
0.40
V
21
Measure DC voltage at pin (15) when 0 V
and 4 V are applied to pin (18).
HD for chroma
delay
Dhd
—
2.0
2.2
µs
22
Apply B monochromatic wave 0.4 Vp-p and
burst 0.2 Vp-p to the input. Measure the
delay time from HD pulse rise to the chroma
rise of pin (12) output.
IDENT
characteristics
ID
—
—
—
—
23
The IDENT (identification) characteristics
should be not higher than the killer level.
0.2 Vp-p
0.2 Vp-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com