Electronic Components Datasheet Search
  English  ▼

X  

M52342FP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M52342FP
Description  PLL-Split VIF/SIF IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52342FP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M52342FP Datasheet HTML 9Page - Renesas Technology Corp M52342FP Datasheet HTML 10Page - Renesas Technology Corp M52342FP Datasheet HTML 11Page - Renesas Technology Corp M52342FP Datasheet HTML 12Page - Renesas Technology Corp M52342FP Datasheet HTML 13Page - Renesas Technology Corp M52342FP Datasheet HTML 14Page - Renesas Technology Corp M52342FP Datasheet HTML 15Page - Renesas Technology Corp M52342FP Datasheet HTML 16Page - Renesas Technology Corp M52342FP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
M52342FP
Rev.2.00 Jun 14, 2006 page 13 of 18
Pin 6, Pin 7, Pin 8 (GND)
They are all groung pins.
6
7
8
Pin 9 (QIF DET IN)
The input impedance is 1.5 k
Ω.
In the intercarrier system application, the intercarrier output is
available in pin 15 by connecting pin 9 to ground.
9
Terminal voltage
: 2.4 V
Inter/Sprit
Inter
Bias
5 k
1.5 k
1.5 k
SAW
Pin 10 (IF AGC FILTER)
10
1 k
VCC
In spite of the 1-pin filter configuration, 2-pin filter
characteristics are available by utilizing the dynamic AGC
circuit.
weak
electric field
strong
electric field
(IF input)
(V10)
0
Pin 11 (NFB)
The FM detector can respond to several kinds of SIF signals
without an adjustment and external components by adopting
the PLL technique.
It also is in compliance with the multi-SIF by selecting an
appropriate deemphasis and audio output amplifier using the
pin 14 switch.
The capacitor between pin 11 and 12, which fixes the
deemphasis characteristics, can be determined considering
the combination of an equivalent resistance of the IC and this
capacitor itself.
11
Terminal voltage
: 2.1 V
5 k
5 k
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com