Electronic Components Datasheet Search
  English  ▼

X  

M52742ASP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M52742ASP
Description  BUS Controlled 3-Channel Video Preamp for CRT Display Monitor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52742ASP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M52742ASP Datasheet HTML 1Page - Renesas Technology Corp M52742ASP Datasheet HTML 2Page - Renesas Technology Corp M52742ASP Datasheet HTML 3Page - Renesas Technology Corp M52742ASP Datasheet HTML 4Page - Renesas Technology Corp M52742ASP Datasheet HTML 5Page - Renesas Technology Corp M52742ASP Datasheet HTML 6Page - Renesas Technology Corp M52742ASP Datasheet HTML 7Page - Renesas Technology Corp M52742ASP Datasheet HTML 8Page - Renesas Technology Corp M52742ASP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
M52742ASP
REJ03F0192-0201 Rev.2.01 Mar 31, 2008
Page 2 of 26
Block Diagram
VCC1 (R) 12 V
OSD IN (R)
20
22
19
18
17
28
29
31
34
35
27
30
21
16
36
33
23 24 25 26
15
14
13
12
11
10
9
8
6
5
4
3
2
1
7
32
Clamp
Sub Cont
(8 bit)
Sub Cont
(8 bit)
Sub Cont
(8 bit)
Clamp
Clamp
Sync on
Green Sep
Clamp
F/B
Sub
contrast
Sub
contrast
Sub
contrast
Main
contrast
Main
contrast
Main
contrast
OSD Mix
OSD Mix
OSD Mix
Amp
Clamp
F/B
Amp
Clamp
F/B
DAC
BUS
I/F
Amp
Retrace
blanking
Retrace
blanking
Retrace
blanking
INPUT (R)
GND1 (R)
OSD IN (G)
INPUT (G)
VCC1 (G) 12 V
GND1 (G)
OSD IN (B)
INPUT (B)
VCC1 (B) 12 V
GND1 (B)
CONTRAST
(ABL) IN
INPUT (SOG)
SOG SEP OUT
UNIFORMITY
IN
OSD
BLK IN
R Sub Cont 8 bit
OSD
level 4 bit
Main
contrast
8 bit
G Sub Cont 8 bit
B Sub Cont 8 bit
CLAMP
PULSE
IN
VCC2
= 12 V
GND2
DAC OUTPUT
FOR CUT-OFF adj
OUTPUT (R)
EXT
FEED BACK (R)
OUTPUT (G)
EXT
FEED BACK (G)
OUTPUT (B)
EXT
FEED BACK (B)
SDA
SCL
GND (5 V)
RETRACE
BLK IN
MAIN
BRIGHTNESS
VCC 5 V
(DIGITAL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com