Electronic Components Datasheet Search
  English  ▼

X  

TSHA5202 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TSHA5202
Description  Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSHA5202 Datasheet(HTML) 3 Page - Vishay Siliconix

  TSHA5202 Datasheet HTML 1Page - Vishay Siliconix TSHA5202 Datasheet HTML 2Page - Vishay Siliconix TSHA5202 Datasheet HTML 3Page - Vishay Siliconix TSHA5202 Datasheet HTML 4Page - Vishay Siliconix TSHA5202 Datasheet HTML 5Page - Vishay Siliconix TSHA5202 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 81019
For technical questions, contact: emittertechsupport@vishay.com
www.vishay.com
Rev. 1.7, 05-Sep-08
153
TSHA5200, TSHA5201, TSHA5202, TSHA5203
Infrared Emitting Diode, RoHS Compliant,
875 nm, GaAlAs
Vishay Semiconductors
Note
Tamb = 25 °C, unless otherwise specified
BASIC CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 3 - Pulse Forward Current vs. Pulse Duration
Fig. 4 - Forward Current vs. Forward Voltage
TYPE DEDICATED CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 1.5 A, tp = 100 µs
TSHA5200
VF
3.2
4.9
V
TSHA5201
VF
3.2
4.9
V
TSHA5202
VF
3.2
4.5
V
TSHA5203
VF
3.2
4.5
V
Radiant intensity
IF = 100 mA, tp = 20 µs
TSHA5200
Ie
25
40
125
mW/sr
TSHA5201
Ie
30
50
125
mW/sr
TSHA5202
Ie
36
60
125
mW/sr
TSHA5203
Ie
50
65
125
mW/sr
IF = 1.5 A, tp = 100 µs
TSHA5200
Ie
300
500
mW/sr
TSHA5201
Ie
400
600
mW/sr
TSHA5202
Ie
500
700
mW/sr
TSHA5203
Ie
600
800
mW/sr
Radiant power
IF = 100 mA, tp = 20 µs
TSHA5200
φ
e
22
mW
TSHA5201
φ
e
23
mW
TSHA5202
φ
e
24
mW
TSHA5203
φ
e
25
mW
t p - Pulse Duration (ms)
94 8003
100
101
101
10-1
10-1
100
102
10-2
t p/T= 0.01
IFSM = 2.5 A (Single Pause)
0.05
0.1
0.2
0.5
VF - Forward Voltage (V)
94 8005
101
102
103
104
t
p = 100 µs
t
p/T= 0.001
4
3
2
1
0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com