Electronic Components Datasheet Search
  English  ▼

X  

TSHA6502 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TSHA6502
Description  Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSHA6502 Datasheet(HTML) 5 Page - Vishay Siliconix

  TSHA6502 Datasheet HTML 1Page - Vishay Siliconix TSHA6502 Datasheet HTML 2Page - Vishay Siliconix TSHA6502 Datasheet HTML 3Page - Vishay Siliconix TSHA6502 Datasheet HTML 4Page - Vishay Siliconix TSHA6502 Datasheet HTML 5Page - Vishay Siliconix TSHA6502 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.vishay.com
For technical questions, contact: emittertechsupport@vishay.com
Document Number: 81022
170
Rev. 1.7, 05-Sep-08
TSHA6500, TSHA6501, TSHA6502, TSHA6503
Vishay Semiconductors
Infrared Emitting Diode, RoHS Compliant,
875 nm, GaAlAs
PACKAGE DIMENSIONS in millimeters
0.5
+ 0.15
- 0.05
5 ± 0.15
Area not plane
technical drawings
according to DIN
specifications
6.544-5259.08-4
2.54 nom.
A
C
0.5
+ 0.15
- 0.05
0.6
+ 0.2
- 0.1
R 2.49 (sphere)
Issue: 2; 25.08.98
14436



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com