Electronic Components Datasheet Search
  English  ▼

X  

TLMS1000 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TLMS1000
Description  Low Current 0603 SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMS1000 Datasheet(HTML) 4 Page - Vishay Siliconix

  TLMS1000 Datasheet HTML 1Page - Vishay Siliconix TLMS1000 Datasheet HTML 2Page - Vishay Siliconix TLMS1000 Datasheet HTML 3Page - Vishay Siliconix TLMS1000 Datasheet HTML 4Page - Vishay Siliconix TLMS1000 Datasheet HTML 5Page - Vishay Siliconix TLMS1000 Datasheet HTML 6Page - Vishay Siliconix TLMS1000 Datasheet HTML 7Page - Vishay Siliconix TLMS1000 Datasheet HTML 8Page - Vishay Siliconix TLMS1000 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.vishay.com
4
Document Number 83172
Rev. 1.6, 15-Oct-08
Vishay Semiconductors
TLMO1000, TLMS1000, TLMS1001, TLMY1000
For technical support, please contact: LED@vishay.com
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Figure 1. Relative Luminous Intensity vs. Forward Current
Figure 2. Forward Current vs. Forward Voltage
Figure 3. Dominant Wavelength vs. Forward Current
0.01
0.1
1
10
0.1
1
10
IF - Forward Current (mA)
19127
orange
0.1
1
10
1
1.5
2
2.5
3
VF - Forward Voltage (V)
19130
orange
- 1
- 0.8
- 0.6
- 0.4
- 0.2
0
0.2
0.4
0.6
0.8
1
0.1
1
10
19133
orange
IF - Forward Current (mA)
Figure 4. Change of Dominant Wavelength vs.
Ambient Temperature
Figure 5. Relative Luminous Intensity vs. Amb. Temperature
Figure 6. Forward Voltage vs. Ambient Temperature
- 6
- 4
- 2
0
2
4
6
8
- 20
0
20
40
60
80
100
T
amb - Ambient Temperature (°C)
19136
orange
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
Tamb - Ambient Temperature (°C)
19139
orange
IF = 2 mA
- 20
20
040
60
80
100
1.60
1.65
1.70
1.75
1.80
1.85
1.90
1.95
2.00
2.05
2.10
2.15
2.20
- 20
0
20
40
60
80
100
Tamb - Ambient Temperature (°C)
19143
orange
IF =20mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com