Electronic Components Datasheet Search
  English  ▼

X  

TLMY3203 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # TLMY3203
Description  Power SMD LED PLCC-4
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMY3203 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button TLMY3203 Datasheet HTML 5Page - Vishay Siliconix TLMY3203 Datasheet HTML 6Page - Vishay Siliconix TLMY3203 Datasheet HTML 7Page - Vishay Siliconix TLMY3203 Datasheet HTML 8Page - Vishay Siliconix TLMY3203 Datasheet HTML 9Page - Vishay Siliconix TLMY3203 Datasheet HTML 10Page - Vishay Siliconix TLMY3203 Datasheet HTML 11Page - Vishay Siliconix TLMY3203 Datasheet HTML 12Page - Vishay Siliconix TLMY3203 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Document Number 83146
Rev. 1.5, 24-Sep-07
www.vishay.com
9
Vishay Semiconductors
TLMK/O/S/Y320.
TAPING in millimeters
Figure 27. Relative Luminous Intensity vs. Forward Current
Figure 28. Change of Dominant Wavelength vs. Forward Current
0.01
0.1
1
10
1
10
100
I
F - Forward Current (mA)
17018
yellow
- 1.5
- 1.0
- 0.5
0.0
0.5
1.0
1.5
10
20
30
40
50
60
70
80
90 100
17019
I
F - Forward Current (mA)
yellow
Figure 29. Forward Current vs. Forward Voltage
Figure 30. Forward Current vs. Pulse Length
0
10
20
30
40
50
60
70
80
90
100
1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5
VF - Forward Voltage (V)
17046
yellow
soft orange
red
super red
0.00
0.02
0.04
0.06
0.08
0.10
0.12
t
P - Pulse Length (s)
10 -5
10 -4
10 -3
10 -2
10 -1
10 0
101
102
t
P/T = 0.005
0.05
0.5
17044
0.25
2.2
2.0
1.85
1.65
4.1
3.9
2.05
1.95
3.5
3.1
4.1
3.9
1.6
1.4
8.3
7.7
5.75
5.25
3.6
3.4
4.0
3.6
18596
Cathode
Anode
Cathode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com