Electronic Components Datasheet Search
  English  ▼

X  

VLMA3100 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLMA3100
Description  Low Current SMD LED PLCC-2
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMA3100 Datasheet(HTML) 2 Page - Vishay Siliconix

  VLMA3100 Datasheet HTML 1Page - Vishay Siliconix VLMA3100 Datasheet HTML 2Page - Vishay Siliconix VLMA3100 Datasheet HTML 3Page - Vishay Siliconix VLMA3100 Datasheet HTML 4Page - Vishay Siliconix VLMA3100 Datasheet HTML 5Page - Vishay Siliconix VLMA3100 Datasheet HTML 6Page - Vishay Siliconix VLMA3100 Datasheet HTML 7Page - Vishay Siliconix VLMA3100 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
2
Document Number 81709
Rev. 1.0, 24-May-07
Vishay Semiconductors
VLMA3100
Note:
1) T
amb = 25 °C, unless otherwise specified
2) Driving the LED in reverse direction is suitable for short term application
Note:
1) T
amb = 25 °C, unless otherwise specified
2) In one Packing Unit I
Vmax/IVmin ≤ 2.0
Note:
Luminous intensity is tested at a current pulse duration of 25 ms and
an accuracy of ± 11 %.
The above Type Numbers represent the order groups which include
only a few brightness groups. Only one group will be shipped on
each reel (there will be no mixing of two groups on each reel). In
order to ensure availability, single brightness groups will not be
orderable.
In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped on
any one reel.
In order to ensure availability, singe wavelength groups will not be
orderable.
Note:
Wavelengths are tested at a current pulse duration of 25 ms and an
accuracy of ± 1 nm.
ABSOLUTE MAXIMUM RATINGS1) VLMA3100
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage2)
VR
6V
DC Forward current
IF
7mA
Surge forward current
tp ≤ 10 μsIFSM
0.5
A
Power dissipation
PV
20
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Soldering temperature
t
≤ 5 s
Tsd
260
°C
Thermal resistance junction/
ambient
mounted on PC board
(pad size > 16 mm2)
RthJA
500
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS1) VLMA3100, YELLOW
PARAMETER
TEST CONDITION
SYMBOL
MIN
TYP.
MAX
UNIT
Luminous intensity 2)
IF = 2 mA
IV
0.28
2.5
mcd
Dominant wavelength
IF = 2 mA
λ
d
581
594
nm
Peak wavelength
IF = 2 mA
λ
p
585
nm
Angle of half intensity
IF = 2 mA
ϕ
± 60
deg
Forward voltage
IF = 2 mA
VF
2.2
2.9
V
Reverse voltage
IR = 10 μAVR
620
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LUMINOUS INTENSITY (MCD)
MIN.
MAX.
C1
0.28
0.36
C2
0.36
0.45
D1
0.45
0.56
D2
0.56
0.71
E1
0.71
0.90
COLOR CLASSIFICATION
GROUP
DOMINANT WAVELENGTH (NM)
YELLOW
MIN.
MAX.
1
581
584
2
583
586
3
585
588
4
587
590
5
589
592
6
591
594



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com