Electronic Components Datasheet Search
  English  ▼

X  

BF970 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BF970
Description  Silicon PNP Planar RF Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BF970 Datasheet(HTML) 1 Page - Vishay Siliconix

  BF970 Datasheet HTML 1Page - Vishay Siliconix BF970 Datasheet HTML 2Page - Vishay Siliconix BF970 Datasheet HTML 3Page - Vishay Siliconix BF970 Datasheet HTML 4Page - Vishay Siliconix BF970 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BF979
Document Number 85006
Rev. 1.5, 05-Sep-08
Vishay Semiconductors
www.vishay.com
1
1
3
2
13623
Electrostatic sensitive device.
Observe precautions for handling.
Not for new design, this product will be obsoleted soon
Silicon PNP Planar RF Transistor
Features
• High cross modulation performance
• High power gain
•Low noise
• High reverse attenuation
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Applications
UHF/VHF uncontrolled prestages with low noise and
low modulation.
Mechanical Data
Case: TO-50 Plastic case
Weight: approx. 111 mg
Marking: BF970
Pinning: 1 = Collector, 2 = Base, 3 = Emitter
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Maximum Thermal Resistance
1) on glass fibre printed board (40 x 25 x 1.5) mm3 plated with 35
μm Cu
Electrical DC Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Value
Unit
Collector-base voltage
- VCBO
20
V
Collector-emitter voltage
- VCEO
20
V
Emitter-base voltage
- VEBO
3V
Collector current
- IC
50
mA
Total power dissipation
Tamb ≤ 60 °C
Ptot
300
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
- 55 to + 150
°C
Parameter
Test condition
Symbol
Value
Unit
Junction ambient
1)
RthJA
300
K/W
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector cut-off current
- VCE = 20 V, VBE = 0
- ICES
100
μA
Collector-base cut-off current
- VCB = 15 V, IE = 0
- ICBO
100
nA
Emitter-base cut-off current
- VEB = 3 V, IC = 0
- IEBO
10
μA
Collector-emitter breakdown
voltage
- IC = 1 mA, IB = 0
- V(BR)CEO
20
V
DC forward current transfer ratio - VCE = 10 V, - IC = 10 mA
hFE
20
50
90
e3


Similar Part No. - BF970

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BF970 VISHAY-BF970 Datasheet
51Kb / 5P
Silicon PNP Planar RF Transistor
20-Jan-99
More results

Similar Description - BF970

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BF579 VISHAY-BF579 Datasheet
66Kb / 5P
Silicon PNP Planar RF Transistor
20-Jan-99
BF970 VISHAY-BF970 Datasheet
51Kb / 5P
Silicon PNP Planar RF Transistor
20-Jan-99
BF979 VISHAY-BF979 Datasheet
51Kb / 5P
Silicon PNP Planar RF Transistor
20-Jan-99
logo
Siemens Semiconductor G...
BF939 SIEMENS-BF939 Datasheet
33Kb / 2P
PNP SILICON PLANAR TRANSISTOR
logo
List of Unclassifed Man...
CD9015 ETC1-CD9015 Datasheet
88Kb / 3P
PNP SILICON PLANAR TRANSISTOR
logo
Continental Device Indi...
CD9012 CDIL-CD9012 Datasheet
89Kb / 3P
PNP SILICON PLANAR TRANSISTOR
logo
Vishay Siliconix
BF579 VISHAY-BF579_08 Datasheet
124Kb / 5P
Silicon PNP Planar RF Transistor
05-Sep-08
logo
Continental Device Indi...
2N3635 CDIL-2N3635 Datasheet
252Kb / 4P
PNP SILICON PLANAR RF TRANSISTORS
logo
New Jersey Semi-Conduct...
BFX37 NJSEMI-BFX37 Datasheet
86Kb / 2P
PNP SILICON PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com