Electronic Components Datasheet Search
  English  ▼

X  

SS2PH9 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SS2PH9
Description  High-Voltage Surface Mount Schottky Barrier Rectifiers High Barrier Technology for Improved High Temperature Performance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS2PH9 Datasheet(HTML) 1 Page - Vishay Siliconix

  SS2PH9 Datasheet HTML 1Page - Vishay Siliconix SS2PH9 Datasheet HTML 2Page - Vishay Siliconix SS2PH9 Datasheet HTML 3Page - Vishay Siliconix SS2PH9 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
New Product
SS2PH9 & SS2PH10
Vishay General Semiconductor
Document Number: 84682
Revision: 19-May-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
High-Voltage Surface Mount Schottky Barrier Rectifiers
High Barrier Technology for Improved High Temperature Performance
FEATURES
• Very low profile - typical height of 1.0 mm
• Ideal for automated placement
• Low forward voltage drop, low power
losses
• High efficiency
• Low thermal resistance
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in high frequency inverters, freewheeling,
dc-to-dc
converters
and
polarity
protection
applications.
MECHANICAL DATA
Case: DO-220AA (SMP)
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix for consumer grade, meets JESD 201 class
1A whisker test, HE3 suffix for high reliability grade
(AEC Q101 qualified), meets JESD 201 class 2
whisker test
Polarity: Color band denotes the cathode end
PRIMARY CHARACTERISTICS
IF(AV)
2.0 A
VRRM
90 V, 100 V
IFSM
50 A
EAS
11.25 mJ
VF at IF = 1.0 A
0.62 V
IR max.
1.0 µA
TJ max.
175 °C
DO-220AA (SMP)
eSMPTM Series
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SS2PH9
SS2PH10
UNIT
Device marking code
29
210
Maximum repetitive peak reverse voltage
VRRM
90
100
V
Maximum average forward rectified current (Fig. 1)
IF(AV)
2.0
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
50
A
Non-repetitive avalanche energy at TJ = 25 °C, IAS = 1.5 A, L = 10 mH
EAS
11.25
mJ
Voltage rate of change (rated VR)
dV/dt
10 000
V/µs
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 175
°C


Similar Part No. - SS2PH9

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS2PH9 VISHAY-SS2PH9 Datasheet
87Kb / 4P
High Voltage Surface Mount Schottky Barrier Rectifier
30-May-11
SS2PH9 VISHAY-SS2PH9 Datasheet
102Kb / 5P
High Voltage Surface-Mount Schottky Barrier Rectifier
08-Mar-2022
SS2PH9-M3-84A VISHAY-SS2PH9-M3-84A Datasheet
87Kb / 4P
High Voltage Surface Mount Schottky Barrier Rectifier
30-May-11
SS2PH9-M3-85A VISHAY-SS2PH9-M3-85A Datasheet
87Kb / 4P
High Voltage Surface Mount Schottky Barrier Rectifier
30-May-11
SS2PH9HM3-84A VISHAY-SS2PH9HM3-84A Datasheet
87Kb / 4P
High Voltage Surface Mount Schottky Barrier Rectifier
30-May-11
More results

Similar Description - SS2PH9

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SB1H90 VISHAY-SB1H90_08 Datasheet
94Kb / 4P
High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
19-May-08
SB3H90 VISHAY-SB3H90_08 Datasheet
97Kb / 4P
High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
19-May-08
SB5H90 VISHAY-SB5H90_08 Datasheet
96Kb / 4P
High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
19-May-08
logo
Kersemi Electronic Co.,...
MBR20H100CTG KERSEMI-MBR20H100CTG Datasheet
1Mb / 3P
High Barrier Technology for Improved High Temperature Performance
logo
Vishay Siliconix
M10HXX VISHAY-M10HXX_15 Datasheet
118Kb / 4P
High Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
20-Jan-15
M30HXXCT VISHAY-M30HXXCT_15 Datasheet
131Kb / 4P
Dual Common Cathode High Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
22-Jan-15
MBR10HXX VISHAY-MBR10HXX_15 Datasheet
129Kb / 5P
High Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
28-Jul-15
MBR30H90CT VISHAY-MBR30H90CT_15 Datasheet
122Kb / 4P
Dual Common Cathode High Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
17-Aug-15
M10HXX VISHAY-M10HXX Datasheet
135Kb / 5P
High Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
16-Mar-16
MBR7HXX VISHAY-MBR7HXX Datasheet
140Kb / 5P
Schottky Barrier Rectifier High Barrier Technology for Improved HighTemperature Performance
13-Aug-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com