Electronic Components Datasheet Search
  English  ▼

X  

SS3P4 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SS3P4
Description  High Current Density Surface Mount Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS3P4 Datasheet(HTML) 2 Page - Vishay Siliconix

  SS3P4_08 Datasheet HTML 1Page - Vishay Siliconix SS3P4_08 Datasheet HTML 2Page - Vishay Siliconix SS3P4_08 Datasheet HTML 3Page - Vishay Siliconix SS3P4_08 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
New Product
SS3P4
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88954
Revision: 25-Aug-08
2
Note:
(1) Thermal resistance from junction to ambient and junction to lead mounted on P.C.B. with 15 x 15 mm copper pad areas. RθJL is measured
at the terminal of cathode band. RθJC is measured at the top centre of the body
Note:
(1) Automotive grade AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SS3P4
UNIT
Typical thermal resistance (1)
RθJA
RθJL
ReJC
85
15
20
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SS3P4-E3/84A
0.024
84A
3000
7" diameter plastic tape and reel
SS3P4-E3/85A
0.024
85A
10 000
13" diameter plastic tape and reel
SS3P4HE3/84A (1)
0.024
84A
3000
7" diameter plastic tape and reel
SS3P4HE3/85A (1)
0.024
85A
10 000
13" diameter plastic tape and reel
Figure 1. Forward Current Derating Curve
3.0
2.5
2.0
1.5
1.0
0.5
0
80
90
100
110
120
130
140
150
Lead Temperature (°C)
T
L Measured
at the Cathode Band Terminal
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
50
40
30
20
10
0
1
10
100
Number of Cycles at 50 Hz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com