Electronic Components Datasheet Search
  English  ▼

X  

GLL4737 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # GLL4737
Description  Zener Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GLL4737 Datasheet(HTML) 3 Page - Vishay Siliconix

  GLL4737 Datasheet HTML 1Page - Vishay Siliconix GLL4737 Datasheet HTML 2Page - Vishay Siliconix GLL4737 Datasheet HTML 3Page - Vishay Siliconix GLL4737 Datasheet HTML 4Page - Vishay Siliconix GLL4737 Datasheet HTML 5Page - Vishay Siliconix GLL4737 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
GLL4735 to GLL4763A
Document Number 85781
Rev. 1.4, 06-Aug-04
Vishay Semiconductors
www.vishay.com
3
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Figure 1. Maximum Continuous Power Dissipation
Figure 2. Typical Instantaneous Forward Characteristics for
GLL4763
Figure 3. Typical Temperature Coefficients
0
0.25
0.5
0.75
1.0
75
25
50
100
125
150
175
Terminals Temperature ( °C)
60Hz
Resistive or
Inductive Load
P.C.B. Mounted on
0.31 x 0.31 x 0.08Ó(8 x 8 x 2mm)
Copper Areas Pads
18210
0.01
0.1
1
10
0.4
0.6
0.8
Instantaneous Forward Voltage (V)
11.2
1.4
1.6
Pulse Width = 300 s
1% Duty Cycle
TJ =25°C
18211
90
70
50
30
10
0
110
0
30
10
40
50
60
70
80
90
100
Tested at Rated IZT
VZ - Zener Voltage (V)
20
18212
Figure 4. Typical Zener Impedance
Figure 5. Typical Reverse Characteristics
10
1
10
1
0.5
100
1,000
IZT -- Zener Test Current (mA)
TJ =25°C
100
500
VZ =91V
VZ =56V
VZ =30V
VZ =6.2V
18213
0.01
0.1
1
10
020
40
Percent of Rated Zener Voltage (%)
60
80
100
TJ = 25°C
TJ =100°C
18214



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com