Electronic Components Datasheet Search
  English  ▼

X  

GSIB4A20 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GSIB4A20
Description  Glass Passivated Single-In-Line Bridge Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSIB4A20 Datasheet(HTML) 2 Page - Vishay Siliconix

  GSIB4A20 Datasheet HTML 1Page - Vishay Siliconix GSIB4A20 Datasheet HTML 2Page - Vishay Siliconix GSIB4A20 Datasheet HTML 3Page - Vishay Siliconix GSIB4A20 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GSIB4A20 thru GSIB4A80
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88858
Revision: 01-Feb-08
2
Noted:
(1) Unit case mounted on aluminum plate heatsink
(2) Units mounted on P.C.B. with 0.5 x 0.5" (12 x 12 mm) copper pads and 0.375" (9.5 mm) lead length
(3) Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat transfer with #6 screw
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
GSIB4A20
GSIB4A40
GSIB4A60
GSIB4A80
UNIT
Maximum instantaneous
forward drop per diode
2.0 A
VF
1.00
V
Maximum DC reverse
current at rated DC
blocking voltage per diode
TA = 25 °C
TA = 125 °C
IR
5.0
400
µA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
GSIB4A20
GSIB4A40
GSIB4A60
GSIB4A80
UNIT
Typical thermal resistance
RθJA
RθJC
26 (2)
5 (1)
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
GSIB4A60-E3/45
4.0
45
20
Tube
Figure 1. Derating Curve Output Rectified Current
0
1
2
3
4
75
50
25
0
100
125
150
Heatsink Mounting, T
C
P.C.B. Mounting, T
A
Temperature (°C)
Figure 2. Maximum Non-Repetitive Peak Forward Surge
Current Per Diode
0
20
40
60
80
100
1
100
Number of Cycles at 60 Hz
1.0 Cycle
10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com