Electronic Components Datasheet Search
  English  ▼

X  

GSIB4A80 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # GSIB4A80
Description  Glass Passivated Single-In-Line Bridge Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSIB4A80 Datasheet(HTML) 3 Page - Vishay Siliconix

  GSIB4A80 Datasheet HTML 1Page - Vishay Siliconix GSIB4A80 Datasheet HTML 2Page - Vishay Siliconix GSIB4A80 Datasheet HTML 3Page - Vishay Siliconix GSIB4A80 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GSIB4A20 thru GSIB4A80
Vishay General Semiconductor
Document Number: 88858
Revision: 01-Feb-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 3. Typical Forward Characteristics Per Diode
Figure 4. Typical Reverse Characteristics Per Diode
0.3
1.1
1.3
0.01
10
0.1
1
100
0.5
0.7
0.9
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
Instantaneous Forward Voltage (V)
1000
20
60
40
100
80
0.01
0.1
1
10
100
Percent of Rated Peak Reverse Voltage (%)
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
Figure 5. Typical Junction Capacitance Per Diode
Figure 6. Typical Transient Thermal Impedance Per Diode
1
10
100
10
1
100
0
1000
Reverse Voltage (V)
0.1
1
10
100
0.01
0.1
10
1
100
t - Heating Time (s)
+
0.996 (25.3)
0.972 (24.7)
0.709 (18.0)
0.669 (17.0)
0.602 (15.3)
0.579 (14.7)
0.118 x 45° Chamfer
0.492
(12.5)
0.042 (1.07)
0.038 (0.96)
DIA.
0.157 (4.0)
0.078 (1.98)
0.062 (1.58)
0.057 (1.45)
0.041 (1.05)
0.189 (4.8)
0.173 (4.4)
0.709 (18.0)
0.669 (17.0)
0.146 (3.7)
0.130 (3.3)
0.150 (3.8)
0.134 (3.4)
0.134 (3.4)
0.122 (3.1)
DIA.
0.126 (3.2)
0.110 (2.8)
0.059
(1.50)
0.012
(0.30)
Z
Detail Z
Enlarged
0.382 (9.7)
0.366 (9.3)
0.303 (7.7)
0.287 (7.3)
(3 x)
Case Style GSIB-3G



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com