Electronic Components Datasheet Search
  English  ▼

X  

GSIB2040 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GSIB2040
Description  Single-Phase Single In-Line Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSIB2040 Datasheet(HTML) 1 Page - Vishay Siliconix

  GSIB2040 Datasheet HTML 1Page - Vishay Siliconix GSIB2040 Datasheet HTML 2Page - Vishay Siliconix GSIB2040 Datasheet HTML 3Page - Vishay Siliconix GSIB2040 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
New Product
GSIB2020 thru GSIB2080
Vishay General Semiconductor
Document Number: 88645
Revision: 31-Jan-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
Single-Phase Single In-Line Bridge Rectifiers
FEATURES
• UL recognition file number E54214
• Thin single in-line package
• Glass passivated chip junction
• High surge current capability
• High case dielectric strength of 2500 VRMS
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
General purpose use in ac-to-dc bridge full wave
rectification
for
switching
power
supply,
home
appliances, office equipment, industrial automation
applications.
MECHANICAL DATA
Case: GSIB-5S
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix for consumer grade, meets JESD 201 class
1A whisker test
Polarity: As marked on body
Mounting Torque: 10 cm-kg (8.8 inches-lbs) max.
Recommended Torque: 5.7 cm-kg (5 inches-lbs)
PRIMARY CHARACTERISTICS
IF(AV)
20 A
VRRM
200 V to 800 V
IFSM
240 A
IR
10 µA
VF
1.0 V
TJ max.
150 °C
Case Style GSIB-5S
~
~
~
~
Notes:
(1) Unit case mounted on aluminum plate heatsink
(2) Units mounted on P.C.B. without heatsink
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
GSIB2020
GSIB2040
GSIB2060
GSIB2080
UNIT
Maximum repetitive peak reverse voltage
VRRM
200
400
600
800
V
Maximum RMS voltage
VRMS
140
280
420
560
V
Maximum DC blocking voltage
VDC
200
400
600
800
V
Maximum average forward
rectified output current at
TC = 87 °C
(1)
TA = 25 °C
(2)
IF(AV)
20
3.5
A
Peak forward surge current single sine-wave
superimposed on rated load
IFSM
240
A
Rating for fusing (t < 8.3 ms)
I2t
240
A2s
Operating junction and storage temperature
range
TJ, TSTG
- 55 to + 150
°C


Similar Part No. - GSIB2040

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSIB2040 VISHAY-GSIB2040 Datasheet
55Kb / 2P
Single-Phase Single In-Line Bridge Rectifiers
1-Dec-03
logo
Gulf Semiconductor
GSIB2040 GULFSEMI-GSIB2040 Datasheet
142Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 20.0A
logo
Vishay Siliconix
GSIB2040 VISHAY-GSIB2040 Datasheet
93Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
09-Jul-2020
GSIB2040-E3/45 VISHAY-GSIB2040-E3/45 Datasheet
64Kb / 3P
Single-Phase Single In-Line Bridge Rectifiers
13-Jun-14
GSIB2040N VISHAY-GSIB2040N Datasheet
92Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
09-Jul-2020
More results

Similar Description - GSIB2040

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSIB2520 VISHAY-GSIB2520 Datasheet
55Kb / 2P
Single-Phase Single In-Line Bridge Rectifiers
1-Dec-03
GSIB620 VISHAY-GSIB620_08 Datasheet
104Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
31-Jan-08
VSIB6A20 VISHAY-VSIB6A20 Datasheet
95Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
15-Dec-08
VSIB1520 VISHAY-VSIB1520 Datasheet
95Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
15-Dec-08
GSIB1520N VISHAY-GSIB1520N Datasheet
90Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
15-Aug-11
GSIB25XX VISHAY-GSIB25XX Datasheet
83Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
16-Aug-13
LVB1560 VISHAY-LVB1560_13 Datasheet
69Kb / 3P
Single-Phase Single In-Line Bridge Rectifiers
26-Jun-13
GSIB2020 VISHAY-GSIB2020_V01 Datasheet
93Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
09-Jul-2020
GSIB2520N VISHAY-GSIB2520N_V01 Datasheet
92Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
09-Jul-2020
GSIB620N VISHAY-GSIB620N_V01 Datasheet
93Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
09-Jul-2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com