Electronic Components Datasheet Search
  English  ▼

X  

TDA9109N Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA9109N
Description  LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109N Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA9109N Datasheet HTML 3Page - STMicroelectronics TDA9109N Datasheet HTML 4Page - STMicroelectronics TDA9109N Datasheet HTML 5Page - STMicroelectronics TDA9109N Datasheet HTML 6Page - STMicroelectronics TDA9109N Datasheet HTML 7Page - STMicroelectronics TDA9109N Datasheet HTML 8Page - STMicroelectronics TDA9109N Datasheet HTML 9Page - STMicroelectronics TDA9109N Datasheet HTML 10Page - STMicroelectronics TDA9109N Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
HORIZONTAL SECTION
Operating Conditions
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCO
R0(Min.)
Minimum Oscillator Resistor
Pin 6
6
k
Ω
C0(Min.)
Minimum Oscillator Capacitor
Pin 5
390
pF
F(Max.)
Maximum Oscillator Frequency
150
kHz
OUTPUT SECTION
I12m
Maximum Input Peak Current
Pin 12
5
mA
HOI
Horizontal Drive Output Maximum Current
Pin 26, Sunk current
30
mA
Electrical Characteristics (VCC = 12V, Tamb =25
oC)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY AND REFERENCE VOLTAGES
VCC
Supply Voltage
Pin 29
10.8
12
13.2
V
VDD
Supply Voltage
Pin 32
4.5
5
5.5
V
ICC
Supply Current
Pin 29
50
mA
IDD
Supply Current
Pin 32
5
mA
VREF-H
Horizontal Reference Voltage
Pin 13, I = -2mA
7.4
8
8.6
V
VREF-V
Vertical Reference Voltage
Pin 21, I = -2mA
7.4
8
8.6
V
IREF-H
Max. Sourced Current on VREF-H
Pin 13
5
mA
IREF-V
Max. Sourced Current on VREF-V
Pin 21
5
mA
1st PLL SECTION
HpolT
Delay Time for detecting polarity change
(see Note 3)
Pin 1
0.75
ms
VVCO
VCO Control Voltage (Pin 7)
VREF-H =8V
f0
fH(Max.)
1.3
6.2
V
V
Vcog
VCO Gain (Pin 7)
R0 = 6.49k
Ω,C0 = 820pF,
dF/dV = 1/11R0C0
17.1
kHz/V
Hph
Horizontal Phase Adjustment (see Note 4)
% of Horizontal Period
±10
%
Vbmin
Vbtyp
Vbmax
Horizontal Phase Setting Value (Pin 8) (see Note 4)
Minimum Value
Typical Value
Maximum Value
Sub-Address 01
Byte x1111111
Byte x1000000
Byte x0000000
2.8
3.4
4.0
V
V
V
IPll1U
IPll1L
PLL1 Filter Current Charge
PLL1 is Unlocked
PLL1 is Locked
±140
±1
µA
mA
f0
Free Running Frequency
R0 = 6.49k
Ω,C0 = 820pF,
f0 = 0.97/8R0C0
22.8
kHz
df0/dT
Free Running Frequency Thermal Drift
(No drift on external components) (see Note 5)
-150
ppm/C
CR
PLL1 Capture Range (see Note 6)
R0 = 6.49k
Ω,C0 = 820pF,
from f0+0.5kHz to 4.5f0
fH(Min.)
fH(Max.)
90
25
kHz
kHz
FF
Forced Frequency
FF1 Byte 11xxxxxx
FF2 Byte 10xxxxxx
Sub-Address 02
2f0
3f0
Notes : 3. This delay is mandatory to avoid a wrong detection of polarity change in the case of a composite syn c.
4. See Figure 10 for explanation of reference phase.
5. These parameters are not tested on each unit. They are measured during our internal qualification.
6. This PLL capture range may be obtained only if f0 is adjusted (for instance by adjusting R0) . If not, more margin must be provided
between fH (Min.) and f0, to cope with the components spread.
TDA9109/N
7/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com