Electronic Components Datasheet Search
  English  ▼

X  

M61516FP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M61516FP
Description  7.1ch Electronic Volume with 10 Input Selector
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61516FP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M61516FP Datasheet HTML 15Page - Renesas Technology Corp M61516FP Datasheet HTML 16Page - Renesas Technology Corp M61516FP Datasheet HTML 17Page - Renesas Technology Corp M61516FP Datasheet HTML 18Page - Renesas Technology Corp M61516FP Datasheet HTML 19Page - Renesas Technology Corp M61516FP Datasheet HTML 20Page - Renesas Technology Corp M61516FP Datasheet HTML 21Page - Renesas Technology Corp M61516FP Datasheet HTML 22Page - Renesas Technology Corp M61516FP Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
M61516FP
REJ03F0204-0201 Rev.2.01 Mar 31, 2008
Page 21 of 22
2. Balance Output
FRIN2
SRIN2
SBRIN2
SWIN2
CIN2
SBLIN2
SLIN2
FLIN2
REC R4
REC R3
REC R2
REC R1
INRJ
INRI
FRIN1
SRIN1
SBRIN1
SWIN1
CIN1
SBLIN1
SLIN1
FLIN1
REC L4
REC L3
REC L2
REC L1
INLJ
INLI
INLH
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
MCU
I/F
ZERO CROSS
DITECTOR &
TIMER
DITECTOR
Output
Gain
Control
50 k
FR VOL
loudness
B
50 k
Loudness tap
A
FL VOL
Output
Gain
control
Tone
output
selector
FRONT channel
Input
selector
FRONT channel
Input
selector
50 k
SR VOL
50 k
SBR VOL
50 k
SW VOL
50 k
C VOL
50 k
SBL VOL
50 k
SL VOL
+
–
A
Loudness
B
Lch
Rch
+
–
10 k
10 k
10 k
10 k
BALANCE Output
Balance/loudnessSW
Balance/loudnessSW
REC SW
50 k
REC SW
REC SW
REC SW
REC SW
REC SW
REC SW
REC SW
Input
attenuator
Input selector
Input selector
50 k
Input
attenuator
FR SR SBR SW
C SBL SL
FL
AVCC
7 V
DGND
MCU
DVDD
5 V
0.22
µ
3300 p
6.2 k
0.1
µ
0.1
µ
47 k
47 k
47 k
47 k
47 k
47 k
47 k
47 k
47 k
47 k
47 k
47 k
47 k
47 k
47 k
47 k
47 k
47 k
47 k
47 k
47 k
47 k
47 k
47 k
47 k
47 k
47 k
47 k
47 k
47 k
47 k
47 k
47 k
47 k
47 k
47 k
AVEE
–7 V
3300 p
6.2 k
0.1
µ
0.1
µ
Tone
output
selector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com