Electronic Components Datasheet Search
  English  ▼

X  

TDA9109S Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA9109S
Description  LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109S Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA9109S Datasheet HTML 3Page - STMicroelectronics TDA9109S Datasheet HTML 4Page - STMicroelectronics TDA9109S Datasheet HTML 5Page - STMicroelectronics TDA9109S Datasheet HTML 6Page - STMicroelectronics TDA9109S Datasheet HTML 7Page - STMicroelectronics TDA9109S Datasheet HTML 8Page - STMicroelectronics TDA9109S Datasheet HTML 9Page - STMicroelectronics TDA9109S Datasheet HTML 10Page - STMicroelectronics TDA9109S Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
HORIZONTAL SECTION
Operating Conditions
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCO
R0(Min.)
Minimum Oscillator Resistor
Pin 6
6
k
Ω
C0(Min.)
Minimum Oscillator Capacitor
Pin 5
390
pF
F(Max.)
Maximum Oscillator Frequency
150
kHz
OUTPUT SECTION
I12m
Maximum Input Peak Current
Pin 12
5
mA
HOI
Horizontal Drive Output Maximum Current
Pin 26, Sunk current
30
mA
Electrical Characteristics (VCC = 12V, Tamb = 25
oC)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY AND REFERENCE VOLTAGES
VCC
Supply Voltage
Pin 29
10.8
12
13.2
V
VDD
Supply Voltage
Pin 32
4.5
5
5.5
V
ICC
Supply Current
Pin 29
50
mA
IDD
Supply Current
Pin 32
5
mA
VREF-H
Horizontal Reference Voltage
Pin 13, I = -2mA
7.4
8
8.6
V
VREF-V
Vertical Reference Voltage
Pin 21, I = -2mA
7.4
8
8.6
V
IREF-H
Max. Sourced Current on VREF-H
Pin 13
5
mA
IREF-V
Max. Sourced Current on VREF-V
Pin 21
5
mA
1st PLL SECTION
HpolT
Delay Time for detecting polarity change
(see Note 3)
Pin 1
0.75
ms
VVCO
VCO Control Voltage (Pin 7)
VREF-H = 8V
f0
fH(Max.)
1.3
6.2
V
V
Vcog
VCO Gain (Pin 7)
R0 = 6.49k
Ω, C0 = 820pF,
dF/dV = 1/11R0C0
17.1
kHz/V
Hph
Horizontal Phase Adjustment (see Note 4)
% of Horizontal Period
±10
%
Vbmin
Vbtyp
Vbmax
Horizontal Phase Setting Value (Pin 8) (see Note 4)
Minimum Value
Typical Value
Maximum Value
Sub-Address 01
Byte x1111111
Byte x1000000
Byte x0000000
2.8
3.4
4.0
V
V
V
IPll1U
IPll1L
PLL1 Filter Current Charge
PLL1 is Unlocked
PLL1 is Locked
±140
±1
µA
mA
f0
Free Running Frequency
Sub-Address 02 - Byte xxx10000
R0 = 6.49k
Ω, C0 = 820pF,
f0 = 0.97/8R0C0
22.8
kHz
df0/dT
Free Running Frequency Thermal Drift
(No drift on external components) (see Note 5)
-150
ppm/C
f0(Min.)
f0(Max.)
Free Running Frequency Adjustment
Minimum Value
Maximum Value
Sub-Address 02
Byte xxx11111
Byte xxx00000
0.8
1.3
f0
f0
CR
PLL1 Capture Range
R0 = 6.49k
Ω, C0 = 820pF,
from f0+0.5kHz to 4.5f0
f0 adjsusted to 22.8kHz
fH(Min.)
fH(Max.)
100
23.5
kHz
kHz
FF
Forced Frequency
FF1 Byte 11xxxxxx
FF2 Byte 10xxxxxx
Sub-Address 02
2f0
3f0
Notes : 3. This delay is mandatory to avoid a wrong detection of polarity change in the case of a composite sync.
4. See Figure 10 for explanation of reference phase.
5. These parameters are not tested on each unit. They are measured during our internal qualification.
TDA9109/S
7/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com