Electronic Components Datasheet Search
  English  ▼

X  

M62055FP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M62055FP
Description  3 V Power Supply with Watchdog Timer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62055FP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M62055FP Datasheet HTML 1Page - Renesas Technology Corp M62055FP Datasheet HTML 2Page - Renesas Technology Corp M62055FP Datasheet HTML 3Page - Renesas Technology Corp M62055FP Datasheet HTML 4Page - Renesas Technology Corp M62055FP Datasheet HTML 5Page - Renesas Technology Corp M62055FP Datasheet HTML 6Page - Renesas Technology Corp M62055FP Datasheet HTML 7Page - Renesas Technology Corp M62055FP Datasheet HTML 8Page - Renesas Technology Corp M62055FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
M62055FP
Rev.2.00 Mar 10, 2006 page 4 of 9
Timing Chart
VO+VCE(sat)
VTH1(H)
VTH2(H)
tRST(1)
tWD
tRST(2)
VTH2(L)
1
VCC
VO
0
0
0
VTH1(L)
Tick deactivation
output cutoff
output cutoff
↑ ≈0.9V ≈0.9V ↑
0
TC
RESET
0
WD
3
2
4
6
5
7
9
8
10
11
12
13
14
1
:
:
3 , 4
5
6
:
:
:
2
When VO rises to 0.5 V, RESET becomes low. Then,
charging to a capacitor C connected to TC will be started
at the VO of 2.82 V (VTH1(H)).
When VCC rises to 3 V + VCE(sat), VO becomes stable.
When TC voltage rises to 1 V (VTH2(L)), RESET becomes
high. When it rises to 2.4 V (VTH2(H)) further, the capacitor
C is switched to discharge and
RESET becomes low.
At the same tome of a change-over to the discharge from
the capacitor C, VO is intercepted.
Then, TC will be discharged completely at VO of 2.72 V
(VTH1(L)).
VO returns to 3 V right after it has fallen down to 0.9 V.
RESET repeats above operation till a normal clock signal
is input to WD pin.
:
10 , 11
8 ,
:
:
7 ,
9
12 ,
:
13
14
In the case of a sudden power interruption, VO falls down
according to a decrease of VCC.
When it falls down to 2.72 V, the capcitor C is discharged
and
RESET will be low.
In the case of a reversion from the power interruption, VO
rises according to a increase of VCC. When it rises to 2.82
V, the charging to the capacitor C is started and
RESET
will be high right after TC voltage reaches 1 V.
In the case of a clock signal for discharging the capacitor
C is applied to pin WD before TC voltage reaches to 2.4 V,
a reset signal to
RESET is canceled.
In the case of an abnormal clock signal is input, TC
repeats charging / discharging alternately between 1 V
and 2.4 V, so that
RESET also repeats high / low till a
normal clock signal is input.
When VO falls down to 2.72 V, RESET becomes low.
Description of Terms
tRST(1) : Time from when TC begins to charge until it reaches to VTH2(L).
tWD
: Time from when TC is VTH2(L) until it reaches to VTH2(H).
tRST(2) : Time from when TC is VTH2(H) until TC starts charging.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com