Electronic Components Datasheet Search
  English  ▼

X  

M62005FP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M62005FP
Description  Low Power 2 Output System Reset IC Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62005FP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M62005FP Datasheet HTML 1Page - Renesas Technology Corp M62005FP Datasheet HTML 2Page - Renesas Technology Corp M62005FP Datasheet HTML 3Page - Renesas Technology Corp M62005FP Datasheet HTML 4Page - Renesas Technology Corp M62005FP Datasheet HTML 5Page - Renesas Technology Corp M62005FP Datasheet HTML 6Page - Renesas Technology Corp M62005FP Datasheet HTML 7Page - Renesas Technology Corp M62005FP Datasheet HTML 8Page - Renesas Technology Corp M62005FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev.1.00 Sep 14, 2005 page 1 of 9
M62001L/FP to M62008L/FP
Low Power 2 Output System Reset IC Series
REJ03D0781-0100
Rev.1.00
Sep 14, 2005
Description
The M62001 to M62008 are semiconductor integrated circuits whose optimum use is for the detection of the rise and
fall in the power supply to a microcomputer system in order to reset or release the microcomputer system.
The M62001 to M62008 carry out voltage detection in two-steps and have two output pins. As Bi-CMOS process and
low power dissipating circuits are employed, they output optimum signals through each output pin to a system that
requires RAM backup. As output signals, interruption (
INT) and compulsive reset (RESET) signals are available. The
interruption signal (
INT) is used to alter the microcomputer from normal mode to backup mode and vice versa. These
output signals are classified into pulse type (M62001 to M62004) and hold type (M62005 to M62008).
Features
• Bi-CMOS process realizes a configuration of low current dissipating circuits.
Circuit current
ICC = 5 µA (Typ, normal mode, VCC = 5.0 V)
ICC = 1 µA (Typ, backup mode, VCC = 2.5 V)
• Two-step detection of supply voltage
Detection voltage in normal mode (2 types)
VS = 4.45 V/4.25 V (Typ)
Detection voltage in backup mode
VBATT = 2.15 V (Typ)
• Two outputs
Reset output (
RESET): output of compulsive reset signal
Interruption output (
INT): output of interruption signal
• Two types of output forms: CMOS and open drain
• Two types of interruption output (INT) signals
Pulse type (M62001 to M62004)
Hold type (M62005 to M62008)
• Two types of outline packages
5-pin plastic SIP (single in-line package)
8-pin plastic SOP (mini flat package)
• Output based on RAM backup mode (see the timing chart)
Application
• Prevention of errors in microcomputer system in electronic equipment that requires RAM backup, such as office,
industrial, and home-use equipment.


Similar Part No. - M62005FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62005FP MITSUBISHI-M62005FP Datasheet
87Kb / 6P
LOW POWER 2 OUTPUT SYSTEM RESET IC SERIES
More results

Similar Description - M62005FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62009L MITSUBISHI-M62009L Datasheet
26Kb / 3P
LOW POWER 2 OUTPUT SYSTEM RESET IC WITH EXTERNAL INPUT
logo
New Japan Radio
NJM2103 NJRC-NJM2103 Datasheet
291Kb / 9P
SYSTEM RESET IC
logo
Rohm
BH6150F ROHM-BH6150F Datasheet
78Kb / 8P
System reset IC
logo
KODENSHI_AUK CORP.
BMR-0201 KODENSHI-BMR-0201 Datasheet
314Kb / 2P
System Reset IC
BMR-0301 KODENSHI-BMR-0301 Datasheet
312Kb / 2P
System Reset IC
logo
Rohm
BD47XXG ROHM-BD47XXG Datasheet
175Kb / 6P
System Reset IC
logo
Mitsubishi Electric Sem...
M62001L MITSUBISHI-M62001L Datasheet
87Kb / 6P
LOW POWER 2 OUTPUT SYSTEM RESET IC SERIES
logo
Renesas Technology Corp
M62009L RENESAS-M62009L Datasheet
99Kb / 7P
Low Power 2 Output System Reset IC with External Input
M62015L RENESAS-M62015L Datasheet
87Kb / 6P
Low Power 2 Output System Reset IC
logo
Mitsumi Electronics, Co...
PST85XX MITSUMI-PST85XX Datasheet
139Kb / 13P
System Reset IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com