Electronic Components Datasheet Search
  English  ▼

X  

M62241FP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M62241FP
Description  Single Chip Battery Charger Control IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62241FP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M62241FP Datasheet HTML 9Page - Renesas Technology Corp M62241FP Datasheet HTML 10Page - Renesas Technology Corp M62241FP Datasheet HTML 11Page - Renesas Technology Corp M62241FP Datasheet HTML 12Page - Renesas Technology Corp M62241FP Datasheet HTML 13Page - Renesas Technology Corp M62241FP Datasheet HTML 14Page - Renesas Technology Corp M62241FP Datasheet HTML 15Page - Renesas Technology Corp M62241FP Datasheet HTML 16Page - Renesas Technology Corp M62241FP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
M62241FP
REJ03F0240-0200 Rev.2.00 Jun 16, 2008
Page 13 of 21
Flow Chart
(1) Total
AC off
Return from
Adapter mode
START
Reset
Reset
No Battery Connection mode
poreset
AC power
connection
AC off
Adapter mode
Reset
AC off
Adapter mode
No Battery Connection
mode
NG mode
Waiting mode
Adapter
Battery
Connection
AC power
connection
adapter
Battery
Connection
Over voltage
Over discharge
Temperature Check
LED on/off
Wait Timer
Temperature
Check
Trickle charge
Quick charge
Temperature Protection mode
Wait Timer Counting
Charge from initialization
All timer reset
poreset
Yes
Yes
Yes
Yes
Yes
"L"
"L"
"H"
"H"
No
No
No
VB
≥ 4.0 V
L.T. 3.2 s
VB < 4.0 V
Rising:
−2°C < T < 60°C
Falling:
−5°C < T < 55°C
Rising: 13
°C < T < 55°C
Falling: 10
°C < T < 50°C
Rising:
−2°C < T < 13°C or 55°C < T < 60°C
Falling:
−5°C < T < 10°C or 50°C < T < 55°C
over 3.2 s
Rising: T <
−2°C or T > 60°C
Falling: T <
−5°C or T > 55°C
No
No
DCJK no connecting
DCJK no
connecting
DCJK connecting
DCJK connecting
Return from
Temperature protection
waiting mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com