Electronic Components Datasheet Search
  English  ▼

X  

M62255FP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M62255FP
Description  General Purpose Battery Charger Control IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62255FP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M62255FP Datasheet HTML 1Page - Renesas Technology Corp M62255FP Datasheet HTML 2Page - Renesas Technology Corp M62255FP Datasheet HTML 3Page - Renesas Technology Corp M62255FP Datasheet HTML 4Page - Renesas Technology Corp M62255FP Datasheet HTML 5Page - Renesas Technology Corp M62255FP Datasheet HTML 6Page - Renesas Technology Corp M62255FP Datasheet HTML 7Page - Renesas Technology Corp M62255FP Datasheet HTML 8Page - Renesas Technology Corp M62255FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
M62255FP
REJ03F0245-0200 Rev.2.00 Sep 14, 2007
Page 2 of 12
Pin Arrangement
1
2
3
4
5
6
7
8
9
10
11
12
SW
PGND
OSC
GND
PS
CK
DI
CS
DCDOUT
REF IN
ADJ
VCC
24
23
22
21
20
19
18
17
16
15
14
13
VC
VDET
IDET
ISENSE1−
ISENSE1+
IN1
IN2
IN3
IN4
DOUT
ISENSE2−
ISENSE2+
M62255FP
(Top view)
Outline: PRSP0024GA-A (24P2Q-A)
Pin Description
Pin No.
Pin Name
Function
7
DI
The serial data input pin which used to receive 8-bit wide serial data
6
CK
The shift clock input pin which input signal from DI pin to 8-bit shift register by the rising
edge of clock signal
8
CS
When this pin is "Low", DI pin can receive the data into the 8-bit shift register.
The each bit will be latched at rising edge of the clock signal
15
DOUT
The output pin of the amplified A/D data
11
ADJ
The voltage output pin for adjusting A/D reference voltage
10
REF IN
The reference voltage input pin of the A/D converter
19
IN1
The A/D converter input pin
18
IN2
The A/D converter input pin
17
IN3
The A/D converter input pin
16
IN4
The A/D converter input pin
20
ISENSE1+
The charge current sense input pin for high side voltage
21
ISENSE1–
The charge current sense input pin for low side voltage
13
ISENSE2+
The discharge current sense input pin for high side voltage
14
ISENSE2–
The discharge current sense input pin for low side voltage
9
DCDOUT
The discharge current detect circuit output pin
23
VDET
The voltage detection input pin
22
IDET
The current detection input pin
24
VC
This pin is used to make connection with capacitor and resistor which are used for phase
compensation
1
SW
The pre-drive pin which used to connect the external Pch Tr
3
OSC
The pin used to connect capacitor to determine the frequency of oscillator
5
PS
The control pin of power save mode (H: power save mode, L: normal mode)
12
VCC
The power supply pin
4
GND
The ground pin
2
PGND
The ground pin of power unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com