Electronic Components Datasheet Search
  English  ▼

X  

TDA9111 Datasheet(PDF) 31 Page - STMicroelectronics

Part # TDA9111
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9111 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TDA9111 Datasheet HTML 27Page - STMicroelectronics TDA9111 Datasheet HTML 28Page - STMicroelectronics TDA9111 Datasheet HTML 29Page - STMicroelectronics TDA9111 Datasheet HTML 30Page - STMicroelectronics TDA9111 Datasheet HTML 31Page - STMicroelectronics TDA9111 Datasheet HTML 32Page - STMicroelectronics TDA9111 Datasheet HTML 33Page - STMicroelectronics TDA9111 Datasheet HTML 34Page - STMicroelectronics TDA9111 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
TDA9111
31/43
Figure 16. AGC Loop Block Diagram
3.4 Basic Equations
In first approximation, the amplitude of the ramp
on Pin 23 (VOUT) is:
VOUT - VPOS = (VOSC -VDCMID)
. (1 + 0.3 (V
AMP))
where:
VDCMID = 7/16 VREF (middle value of the ramp
on Pin 22, typically 3.6V)
VOSC =V22 (ramp with fixed amplitude)
VAMP = -1 for minimum vertical amplitude regis-
ter value and +1 for maximum
VPOS is calculated by:
VPOS = VDCMID + 0.4 VP
where VP = -1 for minimum vertical position reg-
ister value and +1 for maximum.
The current available on Pin 22 is:
IOSC =
. V
REF xCOSC xf
where COSC = capacitor connected on Pin 22 and
f = synchronization frequency.
3.5 Geometric Corrections
The principle is represented in Figure 17 on
page 32.
Starting from the vertical ramp, a parabola-shaped
current is generated for E/W correction (also
known as Pin Cushion correction), dynamic hori-
zontal phase control correction, and vertical dy-
namic focus correction.
The parabola generator is made by an analog mul-
tiplier, the output current of which is equal to:
DI = k .(VOUT -VDCMID)
2
where VOUT is the vertical output ramp (typically
between 2 and 5V) and VDCMID is 3.6V
(for VREF-V = 8.2V). The VOUT sawtooth is typical-
ly centered on 3.6V. By changing the vertical posi-
tion, the sawtooth shifts by
±0.4V.
To provide good screen geometry for any end user
adjustment, the TDA9111 has the “geometry
tracking” feature which automatically adapts the
parabola shape, depending on the vertical position
and size.
3
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com