Electronic Components Datasheet Search
  English  ▼

X  

M62301SP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M62301SP
Description  10 to 12-bit 4-ch Integrating A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62301SP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M62301SP Datasheet HTML 2Page - Renesas Technology Corp M62301SP Datasheet HTML 3Page - Renesas Technology Corp M62301SP Datasheet HTML 4Page - Renesas Technology Corp M62301SP Datasheet HTML 5Page - Renesas Technology Corp M62301SP Datasheet HTML 6Page - Renesas Technology Corp M62301SP Datasheet HTML 7Page - Renesas Technology Corp M62301SP Datasheet HTML 8Page - Renesas Technology Corp M62301SP Datasheet HTML 9Page - Renesas Technology Corp M62301SP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
M62301SP/FP
REJ03D0861-0300 Rev.3.00 Mar 25, 2008
Page 6 of 11
Application Suggestion
1. 4-channel 11-bit A/D converter system
To microcomputer
5 V power supply
To microcomputer
control pin
To counter
To
RESET
Input analog
voltage
5 V
10 k
24 k
10 k
II = 50 µA
50
µA
CINT
680 pF
CREF
RI
CI
4700 pF
4700 pF
Charge current II =
≈ 50 µA
1.22 V
24 k
Ω
4
1
2
3
5
17
20
19
18
16
6
7
15
14
813
912
10
11
Note:
CREF: To stabilize reference voltage, be sure to connect capacitance of approximately 4700 pF.
CINT: We suggest that this capacitance be connected to prevent malfunction due to noise.
Use CI that leaks as slight current as possible. To prevent leak to the circuit board, we recommend
providing guard ring (7), (9).
Resolution depends on the number of microcomputer counter clock pulses that are generated while the INT output
status is "high" at the maximum input voltage 2.5 V (VCC – 2.5 V).
When the microcomputer counter clock frequency is 8 MHz, the resolution can be calculated by using the constant
calculated above, as follows;
1
8 M
≈ 211
50
µA
(2.5 + 0.13)
4700 pF
×
Therefore, the resolution of this system is approximately 11 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com