Electronic Components Datasheet Search
  English  ▼

X  

SD2000C08L Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SD2000C08L
Description  Standard Recovery Diodes (Hockey PUK Version), 2100 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD2000C08L Datasheet(HTML) 3 Page - Vishay Siliconix

  SD2000C08L Datasheet HTML 1Page - Vishay Siliconix SD2000C08L Datasheet HTML 2Page - Vishay Siliconix SD2000C08L Datasheet HTML 3Page - Vishay Siliconix SD2000C08L Datasheet HTML 4Page - Vishay Siliconix SD2000C08L Datasheet HTML 5Page - Vishay Siliconix SD2000C08L Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 93540
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 14-May-08
3
SD2000C..L Series
Standard Recovery Diodes
(Hockey PUK Version),
2100 A
Vishay High Power Products
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
Fig. 5 - Forward Power Loss Characteristics
Fig. 6 - Forward Power Loss Characteristics
40
60
80
100
120
140
160
180
0
2 00
40 0
6 00
8 0 0 1 0 0 0 1 2 0 0 1 4 0 0
30°
60 °
90 °
120°
18 0°
A v e rag e Fo rw ard C u rre n t ( A )
Co nd uc tio n An gle
SD 2 0 0 0 C ..L Se rie s
(Sin g le S id e C o o le d )
R
( D C ) = 0.073 K / W
th J -hs
0
20
40
60
80
100
120
140
160
180
0
5 00
1000
1 500
200 0
2 500
30°
60 °
90 °
180°
DC
120 °
Ave rage Forward Curre nt (A)
Co nd uc tion Pe riod
SD 2000C ..L Se rie s
(Single Sid e C ooled)
R
(DC ) = 0.073 K/W
thJ -h s
0
20
40
60
80
10 0
12 0
14 0
16 0
18 0
0
5 0 0
1 00 0
15 0 0
20 0 0
2 50 0
30 °
60 °
90°
120°
180°
Average Forward Current (A)
Co nd uctio n A ng le
SD200 0C..L Series
(Double Side Cooled)
R
(DC) = 0.031 K/W
th J- hs
0
20
40
60
80
100
120
140
160
180
0
1000
2000
3 000
4 00 0
30°
60°
90°
180°
DC
120°
Av erage Forward Curr en t (A)
Co nd u ctio n Pe rio d
SD200 0C..L Series
(Double Side Cooled)
R
(DC) = 0.031 K/W
thJ -h s
0
50 0
1000
1500
2000
2500
3000
3500
4000
0
5 00
10 0 0
15 0 0
20 00
2 50 0
18 0°
12 0°
90°
60°
30°
Av erage Forward Curren t (A)
RM S Limit
Cond uc tio n A ngle
SD2000 C..L Series
T = 1 80°C
J
0
50 0
10 0 0
15 0 0
20 0 0
25 0 0
30 0 0
35 0 0
40 0 0
45 0 0
50 0 0
0
1000
2 000
3 000
4000
DC
180°
120°
90 °
60 °
30 °
Average Forwa rd Current (A)
RMS Limit
Co nd uctio n Pe rio d
SD 2000C..L Series
T = 18 0°C
J



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com