Electronic Components Datasheet Search
  English  ▼

X  

SFH640 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SFH640
Description  Optocoupler, Phototransistor Output, with Base Connection, 300 V BVCEO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH640 Datasheet(HTML) 2 Page - Vishay Siliconix

  SFH640 Datasheet HTML 1Page - Vishay Siliconix SFH640 Datasheet HTML 2Page - Vishay Siliconix SFH640 Datasheet HTML 3Page - Vishay Siliconix SFH640 Datasheet HTML 4Page - Vishay Siliconix SFH640 Datasheet HTML 5Page - Vishay Siliconix SFH640 Datasheet HTML 6Page - Vishay Siliconix SFH640 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83682
2
Rev. 1.3, 01-Dec-05
SFH640
Vishay Semiconductors
Optocoupler, Phototransistor Output,
with Base Connection, 300 V BVCEO
Notes
(1) Tamb = 25 °C, unless otherwise specified.
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum
ratings for extended periods of the time can adversely affect reliability.
(2) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering conditions for through
hole devices (DIP).
Note
Tamb = 25 °C, unless otherwise specified.
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
COUPLER
Isolation test voltage
between emitter and detector, refer to
climate DIN 40046, part 2, Nov. 74
VISO
5300/7500
VRMS/VPK
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Ω
Insulation thickness between emitter
and detector
≥ 0.4
mm
Creepage distance
≥ 7mm
Clearance distance
≥ 7mm
Comparative tracking index per
DIN IEC 112/VDE 0303, part 1
CTI
175
Storage temperature range
Tstg
- 55 to + 150
°C
Operating temperature range
Tamb
- 55 to + 100
°C
Soldering temperature (2)
max. 10 s, dip soldering:
distance to seating plane
≥ 1.5 mm
Tsld
260
°C
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 10 mA
VV
1.1
1.5
V
Reverse voltage
IR = 10 µA
VR
6.0
V
Reverse current
VR = 6.0 V
IR
0.01
10
µA
Capacitance
VF = 0 V, f = 1.0 MHz
CO
25
pF
Thermal resistance
Rthja
750
K/W
OUTPUT
Collector emitter breakdown
voltage
ICE = 1.0 mA,
RBE = 1.0 MΩ
BVCER
300
V
Voltage emitter base
IEB = 10 µA
BVBEO
7.0
V
Collector emitter capacitance
VCE = 10 V, f = 1.0 MHz
CCE
7.0
pF
Collector base capacitance
VCB = 10 V, f = 1.0 MHz
CCB
8.0
pF
Emitter base capacitance
VEB = 5.0 V, f = 1.0 MHz
CEB
38
pF
Thermal resistance
Rthja
250
K/W
COUPLER
Coupling capacitance
CC
0.6
pF
Saturation voltage collector
emitter
IF = 10 mA, IC = 2.0 mA
SFH640-1
VCEsat
0.25
0.4
V
IF = 10 mA, IC = 3.2 mA
SFH640-2
VCEsat
0.25
0.4
V
IF = 10 mA, IC = 5.0 mA
SFH640-3
VCEsat
0.25
0.4
V
Collector emitter leakage
current
VCE = 200 V,
RBE = 1.0 MΩ
ICER
1.0
100
nA
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com