Electronic Components Datasheet Search
  English  ▼

X  

TDA9115 Datasheet(PDF) 31 Page - STMicroelectronics

Part # TDA9115
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9115 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TDA9115 Datasheet HTML 27Page - STMicroelectronics TDA9115 Datasheet HTML 28Page - STMicroelectronics TDA9115 Datasheet HTML 29Page - STMicroelectronics TDA9115 Datasheet HTML 30Page - STMicroelectronics TDA9115 Datasheet HTML 31Page - STMicroelectronics TDA9115 Datasheet HTML 32Page - STMicroelectronics TDA9115 Datasheet HTML 33Page - STMicroelectronics TDA9115 Datasheet HTML 34Page - STMicroelectronics TDA9115 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
TDA9115
31/45
Figure 13. EWOut output waveforms
9.6 DYNAMIC CORRECTION OUTPUT
SECTION
9.6.1 Vertical Dynamic Correction output
VDyCor
A parabola at vertical deflection frequency is avail-
able on pin VDyCor. Its amplitude is adjustable via
VDC-AMP I2C bus control. It tracks with real verti-
cal amplitude and position (including breathing
compensation). It is also affected by C- and S-cor-
rections.
The use of this correction waveform is up to the
application (e.g. dynamic focus).
9.7 DC/DC CONTROLLER SECTION
The section is designed to control a switch-mode
DC/DC converter. A switch-mode DC/DC conver-
tor generates a DC voltage from a DC voltage of
different value (higher or lower) with little power
losses. The DC/DC controller is synchronized to
horizontal deflection frequency to minimize poten-
tial interference into the picture.
Its operation is similar to that of standard UC3842.
The schematic diagram of the DC/DC controller is
in Figure 14. The BOut output controls an external
switching circuit (a MOS transistor) delivering
pulses synchronized on horizontal deflection fre-
quency, the phase of which depends on I2C bus
configuration, see the table at the end of this chap-
ter. Their duration depends on feedback provided
to the circuit, generally a copy of DC/DC converter
output voltage and a copy of current passing
through the DC/DC converter circuitry (e.g. current
through external power component). The polarity
of the output can be controlled by BOutPol I2C bus
bit. A NPN transistor open-collector is routed out to
the BOut pin.
During the operation, a sawtooth is to be found on
pin BISense, generated externally by the applica-
tion. According to BOutPh I2C bus bit, the R-S flip-
flop is set either at H-drive signal edge (rising or
falling, depending on BOHEdge I2C bus bit), or a
Keystone
PCC
alone
alone
tVR
V(VCap)
0
TVR
TVR
0
V(EWOut)
VEW-PCC
VEW-Key
VEW-DC
V(HEHT)
VRefO
VHEHT(min)
HSIZE (I2C)
mini
mum
medium
max
imum
VEW(min)
VEW(max)
Vertical sawtooth
tVR
V(VCap)
0
TVR
TVR
0
VRefO
VHEHT(min)
Breathing
compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com