Electronic Components Datasheet Search
  English  ▼

X  

SMN Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SMN
Description  High Precision Surface Mount 4 Resistor Network
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMN Datasheet(HTML) 4 Page - Vishay Siliconix

  SMN Datasheet HTML 1Page - Vishay Siliconix SMN Datasheet HTML 2Page - Vishay Siliconix SMN Datasheet HTML 3Page - Vishay Siliconix SMN Datasheet HTML 4Page - Vishay Siliconix SMN Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document Number: 63081
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 19-Apr-07
4
SMN
High Precision Surface Mount 4 Resistor Network
Dual-In-Line Package with TCR Tracking
≤ 0.5 ppm/°C,
Tolerance Match of 0.01 % and Ratio Stability of 0.005 %
Vishay Foil Resistors
Note
* For non-standard requests, please contact Application Engineering.
Note
• Other values available upon request.
TABLE 3 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y1365V0204QT9W (preferred part number format)
DENOTES PRECISION
VCODE
TOLERANCE MATCH
PACKAGING
Y
RESISTANCE
VALUE CODE
T = 0.01 %
Q = 0.02 %
A = 0.05 %
R = Tape and Reel
W = Waffle Pack
U = ESD Tubes
PRODUCT CODE
ABSOLUTE TOLERANCE
AER*
SMN = 1365
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
0 = Standard
9 = Lead (Pb)-free
1 - 999 = Custom
FOR EXAMPLE: ABOVE GLOBAL ORDER Y1365 V0204 Q T 9 W:
TYPE: SMN
VALUES: 10K/500R
ABSOLUTE TOLERANCE: ± 0.02 %
TOLERANCE MATCH: 0.01 %
TERMINATION: Lead (Pb)-free
PACKAGING: Waffle Pack
HISTORICAL PART NUMBER: SMN 10K/500R TCR2 Q T S W (will continue to be used)
SMN
10K/500R
TCR2
Q
T
S
W
MODEL
RESISTANCE
VALUE
ABSOLUTE TCR
ABSOLUTE
TOLERANCE
TOLERANCE
MATCH
TERMINATION
PACKAGING
SMN
R1 = 10 kΩ
R2 = 500 Ω
TCR2
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
T = 0.01 %
Q = 0.02 %
A = 0.05 %
S = Lead (Pb)-free
B = Tin/Lead
T = Tape and Reel
W = Waffle Pack
U = ESD Tubes
TABLE 4 - RESISTANCE VALUE CODE LIST FOR POPULAR RATIOS
VCODES
R1/R2
RATIO
R1
R2
VCODES
R1/R2
RATIO
R1
R2
V0201
100
10K
100R
V0189
2.5
1K
400R
V0202
50
10K
200R
V0185
500R
200R
V0197
5K
100R
V0207
2
10K
5K
V0203
25
10K
400R
V0175
2K
1K
V0198
5K
200R
V0190
1K
500R
V0204
20
10K
500R
V0182
400R
200R
V0193
2K
100R
V0179
200R
100R
V0205
10
10K
1K
V0186
1.25
500R
400R
V0194
2K
200R
V0178
V0180
V0183
V0023
V0191
V0176
V0019
V0008
1
100R
200R
400R
500R
1K
2K
5K
10K
100R
200R
400R
500R
1K
2K
5K
10K
V0187
1K
100R
V0200
5
5K
1K
V0195
2K
400R
V0188
1K
200R
V0184
500R
100R
V0196
4
2K
500R
V0181
400R
100R
365
V
204
0
Y1
T9
Q
W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com