Electronic Components Datasheet Search
  English  ▼

X  

SMP11 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SMP11
Description  Surface Mount TRANSZORB® Transient Voltage Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMP11 Datasheet(HTML) 1 Page - Vishay Siliconix

  SMP11 Datasheet HTML 1Page - Vishay Siliconix SMP11 Datasheet HTML 2Page - Vishay Siliconix SMP11 Datasheet HTML 3Page - Vishay Siliconix SMP11 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
New Product
SMP11 thru SMP36A
Vishay General Semiconductor
Document Number: 88481
Revision: 20-Oct-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
Surface Mount TRANSZORB® Transient Voltage Suppressors
FEATURES
• Very low profile - typical height of 1.0 mm
• Ideal for automated placement
• Available in uni-directional
• 400 W peak pulse power capability with a
10/1000 µs waveform
• Excellent clamping capability
• Very fast response time
• Low incremental surge resistance
• Meets MSL level 1, per J-STD-020
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and
lighting on ICs, MOSFET, signal lines of sensor units
for consumer, computer, industrial, automotive and
telecommunication.
MECHANICAL DATA
Case: DO-220AA (SMP)
Molding compound meets UL 94 V-0 flammability
rating
Base P/N-E3 - RoHS compliant, commercial grade
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: Color band denotes cathode end
PRIMARY CHARACTERISTICS
VWM
11 V to 36 V
PPPM
400 W
IFSM
40 A
TJ max.
150 °C
DO-220AA (SMP)
eSMPTM Series
Notes:
(1) Non-repetitive current pulse, per Fig. 3 and derated above TA = 25 °C per Fig. 2
(2) Mounted on 0.2 x 0.2" (5.0 x 5.0 mm) copper pads to each terminal
(3) Pulse test: 300 µs pulse width, 1 % duty cycle
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Peak pulse power dissipation with a 10/1000 µs waveform (1)(2) (Fig. 1)
PPPM
400
W
Peak pulse current with a 10/1000 µs waveform (1)
IPPM
See table next page
A
Peak forward surge current 10 ms single half sine-wave (2)
IFSM
40
A
Maximum instantaneous forward voltage at 25 A (3)
VF
2.5
V
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C


Similar Part No. - SMP11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMP11 VISHAY-SMP11 Datasheet
84Kb / 4P
Surface Mount TRANSZORB Transient Voltage Suppressors
26-Jul-06
SMP11 VISHAY-SMP11 Datasheet
93Kb / 5P
Surface Mount TRANSZORB Transient Voltage Suppressors
19-Apr-11
logo
ETAL Group
SMP11 ETAL-SMP11 Datasheet
425Kb / 6P
Wide range voltage input from AC 88 to 264 V
logo
Analog Devices
SMP11 AD-SMP11 Datasheet
527Kb / 5P
Low Droop Rate/Accurate Sample and Hold
23-Feb-2017
logo
STMicroelectronics
SMP1100SCMC STMICROELECTRONICS-SMP1100SCMC Datasheet
86Kb / 7P
Trisil for telecommunication equipment protection
17-Jan-2013
More results

Similar Description - SMP11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
Surface Mount TRANSZORB® Transient Voltage Suppressors
29-Oct-08
SMBG188CA VISHAY-SMBG188CA Datasheet
116Kb / 6P
Surface Mount TRANSZORB® Transient Voltage Suppressors
22-Oct-08
SMCJ188CA VISHAY-SMCJ188CA Datasheet
121Kb / 6P
Surface Mount TRANSZORB® Transient Voltage Suppressors
21-Oct-08
SMAJ5.0A VISHAY-SMAJ5.0A_12 Datasheet
389Kb / 5P
Surface Mount TRANSZORB® Transient Voltage Suppressors
26-Jan-12
1.5SMC200A-E357T VISHAY-1.5SMC200A-E357T Datasheet
98Kb / 6P
Surface Mount TRANSZORB® Transient Voltage Suppressors
14-Dec-12
P4SMA300AHE3-61 VISHAY-P4SMA300AHE3-61 Datasheet
94Kb / 6P
Surface Mount TRANSZORB® Transient Voltage Suppressors
13-Dec-12
SMAJ50A VISHAY-SMAJ50A Datasheet
85Kb / 5P
Surface Mount TRANSZORB® Transient Voltage Suppressors
21-Sep-12
SMC5K10A VISHAY-SMC5K10A Datasheet
92Kb / 5P
Surface Mount TRANSZORB® Transient Voltage Suppressors
06-Apr-17
SMBJ3V3 VISHAY-SMBJ3V3_V01 Datasheet
114Kb / 5P
Surface-Mount TRANSZORB® Transient Voltage Suppressors
19-Apr-2021
1.5SMC VISHAY-1.5SMC_V01 Datasheet
110Kb / 6P
Surface Mount TRANSZORB® Transient Voltage Suppressors
30-Jun-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com