Electronic Components Datasheet Search
  English  ▼

X  

SMP12 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SMP12
Description  Surface Mount TRANSZORB® Transient Voltage Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMP12 Datasheet(HTML) 3 Page - Vishay Siliconix

  SMP12 Datasheet HTML 1Page - Vishay Siliconix SMP12 Datasheet HTML 2Page - Vishay Siliconix SMP12 Datasheet HTML 3Page - Vishay Siliconix SMP12 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
New Product
SMP11 thru SMP36A
Vishay General Semiconductor
Document Number: 88481
Revision: 20-Oct-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 1. Peak Pulse Power Rating Curve
Figure 2. Pulse Derating Curve
Non-Repetitive Pulse
Waveform shown in Fig. 3
T
A = 25 °C
0.2 x 0.2" (5.0 x 5.0 mm)
Copper Pad Areas
10
1
0.1
0.1 µs
1.0 µs
10 µs
100 µs
1.0 ms
10 ms
td - Pulse Width (s)
100
75
50
25
0
0
25
50
75
100
125
150
175
200
TJ - Initial Temperature (°C)
Figure 3. Pulse Waveform
Figure 4. Typical Junction Capacitance
t
d
t
r = 10 µs
Peak Value
I
PPM
Half Value -
I
PPM
I
PP
2
10/1000 µs Waveform
as defined by R.E.A.
150
100
50
0
0
1.0
2.0
3.0
4.0
t - Time (ms)
T
J = 25 °C
Pulse Width (t
d)
is defined as the Point
where the Peak Current
decays to 50 % of I
PPM
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
Measured at
Zero Bias
Measured at
Stand-Off
Voltage, V
WM
10 000
1000
100
100
10
10
VWM - Reverse Stand-Off Voltage (V)
0.000 (0.00)
0.012 (0.30)
0.013 (0.35)
0.004 (0.10)
0.018 (0.45)
0.006 (0.15)
0.045 (1.15)
0.033 (0.85)
0.036 (0.91)
0.024 (0.61)
0.016 (0.40)
0.032 (0.80)
0.053 (1.35)
0.041 (1.05)
0.012 (0.30) REF.
0.105
(2.67)
0.025
(0.635)
0.100
(2.54)
0.030
(0.762)
0.050
(1.27)
Cathode Band
0.142 (3.61)
0.126 (3.19)
0.158 (4.00)
0.146 (3.70)
0.086 (2.18)
0.074 (1.88)
0.087 (2.20)
0.103 (2.60)
DO-220AA (SMP)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com