Electronic Components Datasheet Search
  English  ▼

X  

STPS20L15GTRLP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # STPS20L15GTRLP
Description  Schottky Rectifier, 20 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

STPS20L15GTRLP Datasheet(HTML) 2 Page - Vishay Siliconix

  STPS20L15GTRLP Datasheet HTML 1Page - Vishay Siliconix STPS20L15GTRLP Datasheet HTML 2Page - Vishay Siliconix STPS20L15GTRLP Datasheet HTML 3Page - Vishay Siliconix STPS20L15GTRLP Datasheet HTML 4Page - Vishay Siliconix STPS20L15GTRLP Datasheet HTML 5Page - Vishay Siliconix STPS20L15GTRLP Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93983
2
Revision: 22-Aug-08
STPS20L15G
Vishay High Power Products
Schottky Rectifier, 20 A
Note
(1) Pulse width < 300 µs, duty cycle < 2 %
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
TYP.
MAX.
UNITS
Forward voltage drop
See fig. 1
VFM (1)
19 A
TJ = 25 °C
-0.41
V
40 A
-
0.52
19 A
TJ = 125 °C
0.25
0.33
40 A
0.37
0.50
Reverse leakage current
See fig. 2
IRM (1)
TJ = 25 °C
VR = Rated VR
-10
mA
TJ = 100 °C
-
600
Threshold voltage
VF (TO)
TJ = TJ maximum
0.182
V
Forward slope resistance
rt
7.6
m
Ω
Maximum junction capacitance
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz) 25 °C
-
2000
pF
Typical series inductance
LS
Measured lead to lead 5 mm from package body
8
-
nH
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/µs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction temperature range
TJ
- 55 to 125
°C
Maximum storage temperature range
TStg
- 55 to 150
Maximum thermal resistance,
junction to case
RthJC
DC operation
See fig. 4
1.5
°C/W
Typical thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth and greased
0.50
Maximum thermal resistance,
junction to ambient
RthJA
DC operation
40
Approximate weight
2g
0.07
oz.
Mounting torque
minimum
Non-lubricated threads
6 (5)
kgf · cm
(lbf · in)
maximum
12 (10)
Marking device
Case style D2PAK
STPS20L15G



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com