Electronic Components Datasheet Search
  English  ▼

X  

4040 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 4040
Description  Ceramic Stand-off Insulators for RF-Equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

4040 Datasheet(HTML) 1 Page - Vishay Siliconix

  4040 Datasheet HTML 1Page - Vishay Siliconix 4040 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ceramic Stand-off Insulators for RF-Equipment
www.vishay.com
For technical questions contact: powcap@vishay.com
Document Number: 22180
1
Revision: 29-Aug-02
4040/6, 5058/6
Vishay Draloric
• Dimensions in millimeters (inches)
(1.969 DIA)
M6 Thread
Ø 50
Ø 20
(0.787 DIA)
M6 Thread
∅ 40
(1.575 DIA)
Ø 20
(0.787 DIA)
Thread holes M8 as well as thread-holes according to US standard are available on request.
Thread holes M8 and M10 as well as thread-holes according to US standard are available on request.
STAND-OFF INSULATOR 4040/6
DIMENSION
H
CAPACITANCE
VALUE
[pF]
FLASHOVER
VOLTAGE AT
50 Hz AND 60 %
REL. AIR
HUMIDITY
[KVRMS]
OPERATING
VOLTAGE
[KVRMS]
DISSIPATION
FACTOR
COMPRESSIVE
LOAD
[kN]
REACTIVE
CURRENT
[Arms]
40 (1.575)
1.6
24
4 max.
≤ 0.5 • 10-3[1 MHz]
5.0 max.
1 max.
STAND-OFF INSULATOR 5058/6
DIMENSION
H
CAPACITANCE
VALUE
[pF]
FLASHOVER
VOLTAGE AT
50 Hz AND 60 %
REL. AIR
HUMIDITY
[KVRMS]
OPERATING
VOLTAGE
[KVRMS]
DISSIPATION
FACTOR
COMPRESSIVE
LOAD
[kN]
REACTIVE
CURRENT
[Arms]
58 (2.283)
1.0
35
12 max.
≤ 0.5 • 10-3[1 MHz]
20.0 max.
3 max.
MATERIAL:
Stand-off insulator elements made from Class 1 Ceramic
material (C221-IEC 60672-3 ), body completely glazed.
Connection terminals: brass
OPERATING CONDITIONS:
Maximum operating temperature + 100 °C
MARKING:
None
ORDERING INFORMATION
Stand-off insulator 5058/6


Similar Part No. - 4040

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
4040 SEMTECH-4040 Datasheet
95Kb / 2P
HIGH VOLTAGE CAPACITORS MONOLITHIC CERAMIC TYPE
logo
Kemet Corporation
4040 KEMET-4040 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
logo
Laird Tech Smart Techno...
4040 LSTD-4040 Datasheet
578Kb / 2P
Thermal Cycling Durability
4040 LSTD-4040 Datasheet
537Kb / 2P
No sound or vibration
4040 LSTD-4040 Datasheet
583Kb / 2P
Power Cycling Reliability
More results

Similar Description - 4040

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
3540 VISHAY-3540 Datasheet
89Kb / 2P
Ceramic Stand-off Insulators for RF-Equipment
29-Aug-02
logo
Bedford Opto Technology...
BOLS003 BOT-BOLS003 Datasheet
33Kb / 2P
3mm LED STAND-OFF
BLA3 BOT-BLA3_12 Datasheet
42Kb / 2P
3mm LED STAND-OFF
BLA4 BOT-BLA4_12 Datasheet
44Kb / 2P
3mm LED STAND-OFF
BLA8 BOT-BLA8_12 Datasheet
46Kb / 2P
3mm LED STAND-OFF
BLA10 BOT-BLA10_12 Datasheet
48Kb / 2P
3mm LED STAND-OFF
BLA41 BOT-BLA41_12 Datasheet
45Kb / 2P
3mm LED STAND-OFF
BLA61 BOT-BLA61_12 Datasheet
113Kb / 2P
3mm LED STAND-OFF
logo
Richco, Inc.
SHK-6-01 RICHCO-SHK-6-01 Datasheet
47Kb / 1P
STAND-OFF HARNESS CLIP
logo
M-System Co.,Ltd.
35406 MSYSTEM-35406 Datasheet
59Kb / 3P
Ceramic Stand-Off Insulators for RF-Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com