Electronic Components Datasheet Search
  English  ▼

X  

TDE1890 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDE1890
Description  2A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDE1890 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDE1890 Datasheet HTML 4Page - STMicroelectronics TDE1890 Datasheet HTML 5Page - STMicroelectronics TDE1890 Datasheet HTML 6Page - STMicroelectronics TDE1890 Datasheet HTML 7Page - STMicroelectronics TDE1890 Datasheet HTML 8Page - STMicroelectronics TDE1890 Datasheet HTML 9Page - STMicroelectronics TDE1890 Datasheet HTML 10Page - STMicroelectronics TDE1890 Datasheet HTML 11Page - STMicroelectronics TDE1890 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MULTIWATT11 (In line) PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
5
0.197
B
2.65
0.104
C
1.6
0.063
E
0.49
0.55
0.019
0.022
F
0.88
0.95
0.035
0.037
G
1.57
1.7
1.83
0.062
0.067
0.072
G1
16.87
17
17.13
0.664
0.669
0.674
H1
19.6
0.772
H2
20.2
0.795
L
26.4
26.9
1.039
1.059
L1
22.35
22.85
0.880
0.900
L3
17.25
17.5
17.75
0.679
0.689
0.699
L4
10.3
10.7
10.9
0.406
0.421
0.429
L7
2.65
2.9
0.104
0.114
S
1.9
2.6
0.075
0.102
S1
1.9
2.6
0.075
0.102
Dia1
3.65
3.85
0.144
0.152
TDE1890 - TDE1891
10/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com