Electronic Components Datasheet Search
  English  ▼

X  

LL46-GS08 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # LL46-GS08
Description  Small Signal Schottky Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LL46-GS08 Datasheet(HTML) 3 Page - Vishay Siliconix

  LL46-GS08 Datasheet HTML 1Page - Vishay Siliconix LL46-GS08 Datasheet HTML 2Page - Vishay Siliconix LL46-GS08 Datasheet HTML 3Page - Vishay Siliconix LL46-GS08 Datasheet HTML 4Page - Vishay Siliconix LL46-GS08 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LL46
Document Number 85673
Rev. 1.4, 21-Nov-06
Vishay Semiconductors
www.vishay.com
3
Package Dimensions in mm (Inches): DO35
Figure 3. Admissible Power Dissipation vs. Ambient Temperature
0
50
100
150
200
250
020
40
60
80
100
120
140
Tamb - Ambient Temperature (°C)
20081
96 12070



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com