Electronic Components Datasheet Search
  English  ▼

X  

EYV Datasheet(PDF) 5 Page - Vishay Siliconix

Part # EYV
Description  Aluminum Capacitors Power Printed Wiring Style
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EYV Datasheet(HTML) 5 Page - Vishay Siliconix

  EYV Datasheet HTML 1Page - Vishay Siliconix EYV Datasheet HTML 2Page - Vishay Siliconix EYV Datasheet HTML 3Page - Vishay Siliconix EYV Datasheet HTML 4Page - Vishay Siliconix EYV Datasheet HTML 5Page - Vishay Siliconix EYV Datasheet HTML 6Page - Vishay Siliconix EYV Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 25126
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 21-Aug-08
5
EYV
Aluminum Capacitors
Power Printed Wiring Style
Vishay Roederstein
Note
• 450 V on request
100
470
25 x 30
1.4
2.7
0.28
0.10
247
172
MALPEYV00AV347L02W
680
25 x 40
1.9
3.6
0.41
0.14
170
116
MALPEYV00AB368L02W
1000
30 x 40
2.5
4.7
0.60
0.20
123
88
MALPEYV00BB410L02W
1500
35 x 40
3.1
5.8
0.90
0.30
94
71
MALPEYV00CB415L02W
2200
35 x 50
3.9
7.4
1.32
0.44
69
55
MALPEYV00CD422L02W
2200
40 x 40
3.6
6.8
1.32
0.44
81
65
MALPEYV00DB422L02W
3300
40 x 50
4.6
8.7
1.98
0.66
59
48
MALPEYV00DD433L02W
4700
40 x 70
6.2
11.7
2.82
0.94
42
36
MALPEYV00DG447L02W
6800
40 x 100
8.2
15.5
4.08
1.36
32
28
MALPEYV00DM468L02W
250
100
25 x 30
0.6
1.15
0.15
0.05
1800
1300
MALPEYV00AV310N02W
150
25 x 40
0.8
1.5
0.23
0.08
1100
850
MALPEYV00AB315N02W
220
30 x 40
1.0
1.9
0.33
0.11
750
550
MALPEYV00BB322N02W
330
35 x 40
1.4
2.65
0.49
0.17
500
400
MALPEYV00CB333N02W
470
35 x 50
1.8
3.4
0.70
0.24
360
290
MALPEYV00CD347N02W
470
40 x 40
1.8
3.4
0.70
0.24
420
350
MALPEYV00DB347N02W
680
40 x 50
2.3
4.4
1.02
0.34
250
190
MALPEYV00DD368N02W
1000
40 x 70
3.0
5.7
1.50
0.50
170
140
MALPEYV00DG410N02W
385
47
25 x 30
0.5
0.94
0.11
0.04
2370
1550
MALPEYV00AV247R02W
68
25 x 40
0.67
1.27
0.16
0.06
1640
1100
MALPEYV00AB268R02W
100
30 x 40
0.84
1.59
0.23
0.08
1275
950
MALPEYV00BB310R02W
150
35 x 40
1.13
2.14
0.34
0.11
850
635
MALPEYV00CB315R02W
220
35 x 50
1.48
2.8
0.50
0.17
580
430
MALPEYV00CD322R02W
220
40 x 40
1.48
2.8
0.50
0.17
580
430
MALPEYV00DB322R02W
330
40 x 50
1.97
3.73
0.75
0.25
385
300
MALPEYV00DD333R02W
470
40 x 70
2.7
5.11
1.06
0.36
270
215
MALPEYV00DG347R02W
400
47
25 x 30
0.47
0.89
0.11
0.04
2700
2125
MALPEYV00AV247X02W
68
25 x 40
0.63
1.29
0.16
0.06
1875
1470
MALPEYV00AB268X02W
100
30 x 40
0.84
1.59
0.24
0.08
1275
1000
MALPEYV00BB310X02W
150
35 x 40
1.13
2.14
0.36
0.12
850
665
MALPEYV00CB315X02W
220
35 x 50
1.41
2.67
0.52
0.17
650
450
MALPEYV00CD322X02W
220
40 x 40
1.41
2.67
0.52
0.17
650
450
MALPEYV00DB322X02W
330
40 x 50
1.86
3.52
0.79
0.26
435
315
MALPEYV00DD333X02W
470
40 x 70
2.54
4.81
1.12
0.37
305
225
MALPEYV00DG347X02W
680
40 x 100
3.56
6.75
1.63
0.54
210
155
MALPEYV00DM368X02W
ADDITIONAL ELECTRICAL DATA
PARAMETER
Conditions
Value
Voltage
Surge voltage
≤ 250 V versions
Us = 1.15 x UR
≥ 385 V versions
Us = 1.1 x UR
Reverse voltage
Urev ≤ 1V
Current
Leakage current
After 1 minute at UR
IL1 ≤ 0.006 CR x UR +4 µA
After 5 minutes at UR
IL5 ≤ 0.002 CR x UR +4 µA
Inductance
Equivalent series inductance (ESL)
Case Ø D = 25 mm
max. 25 nH
Case Ø D = 30 and 35 mm
max. 30 nH
Case Ø D = 40 mm
max. 35 nH
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
85 °C
(A)
IR
20 kHz
70 °C
(A)
IL1
1min
(mA)
IL5
5min
(mA)
ESR
100 Hz
(m
Ω)
Z
10 kHz
(m
Ω)
ORDERING CODE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com