Electronic Components Datasheet Search
  English  ▼

X  

MODEL128 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MODEL128
Description  1 1/16 (27 mm) Single Turn Conductive Plastic Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MODEL128 Datasheet(HTML) 2 Page - Vishay Siliconix

  MODEL128 Datasheet HTML 1Page - Vishay Siliconix MODEL128 Datasheet HTML 2Page - Vishay Siliconix MODEL128 Datasheet HTML 3Page - Vishay Siliconix MODEL128 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model 128
1 1/16" (27 mm) Single Turn Conductive Plastic
Precision Potentiometer
Vishay Spectrol
Document Number: 57037
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 04-Jul-07
33
DIMENSIONS in inches (millimeters)
0.687
(17.45)
± 0.010
0.875
(22.22)
± 0.031
0.375
(9.52)
± 0.015
Ø 0.1248
(3.17)
+ 0.0000
- 0.0003
Ø 0.4062
(10.32)
+ 0.0000
- 0.0010
MTG. FACE
Ø 1.062
(26.97)
± 0.015
0.062
(1.57)
0.308 MIN.
(7.82)
3/
8 32 UNEF - 2A
30°
TYP.
1
3
2
R 0.735 MAX.
(18.67)
0.500
(12.70)
± 0.031
0.062
(1.57)
0.062
(1.57)
0.062
(1.57)
Ø 0.9688
(24.61)
+ 0.0000
- 0.0005
Ø 1.062
(26.97)
Ø 0.1248
(3.17)
+ 0.0000
- 0.0003
MTG. FACE
Ø 0.968 MAX.
(24.58)
Ø 1.062
(26.97)
± 0.015
0.308 MIN.
(7.82)
BUSHING MOUNT: 128 B
SERVO MOUNT: 128 S
1
ADD 0.782 ± 0.002 (19.86) FOR EACH
ADDITIONAL SECTION
TOLERANCES: UNLESS OTHERWISE NOTED.
DECIMALS ± 0.005 ANGLES ± 2°
CW
SCHEMATIC
2
3
1
1
MECHANICAL SPECIFICATIONS
PARAMETER
Rotation
360° continuous
Bearing Type
SERVO MOUNT
Ball bearing
BUSHING MOUNT
Sleeve bearing
Torque (Maximum)
Servo, 1 Section
Bushing, 1 Section
Each Additional Section
STARTING
0.25 oz. - in (18.0 g - cm)
0.30 oz. - in (21.6 g - cm)
0.20 oz. - in (14.4 g - cm)
RUNNING
0.15 o.z - in (10.8 g - cm)
0.25 oz. - in (18.0 g - cm)
0.15 oz. - in (10.8 g - cm)
Mechanical Runouts (Maximum)
Shaft Runout (TIR/in)
Pilot Dia. Runout (TIR/in)
Lateral Runout (TIR)
Shaft End Play
Shaft Radial Play
SERVO
0.002" (0.05 mm)
0.002" (0.05 mm)
0.002" (0.05 mm)
0.005" (0.13 mm)
0.002" (0.05 mm)
BUSHING
0.002" (0.05 mm)
0.002" (0.05 mm)
0.005" (0.13 mm)
0.005" (0.13 mm)
0.003" (0.08 mm)
Weight (Maximum):
Single Section
Each Additional Section
0.8 oz. (22.7 g)
0.4 oz. (11.3 g)
Ganging
6 sections maximum, terminal alignment, added sections, within ± 10° of section 1 terminals
Moment of Inertia
0.12 g - cm2 per section maximum



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com