Electronic Components Datasheet Search
  English  ▼

X  

G2SBA20 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # G2SBA20
Description  Glass Passivated Single-Phase Bridge Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

G2SBA20 Datasheet(HTML) 3 Page - Vishay Siliconix

  G2SBA20 Datasheet HTML 1Page - Vishay Siliconix G2SBA20 Datasheet HTML 2Page - Vishay Siliconix G2SBA20 Datasheet HTML 3Page - Vishay Siliconix G2SBA20 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
G2SBA20, G2SBA60 & G2SBA80
Vishay General Semiconductor
Document Number: 88604
Revision: 12-Feb-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 5. Typical Junction Capacitance Per Diode
10
100
0.1
100
10
1
Reverse Voltage (V)
1
Figure 6. Typical Transient Thermal Impedance
0.01
0.1
1
10
100
0.01
0.1
10
1
100
t - Heating Time (s)
Case Type GBL
0.125 (3.17) x 45°
Chamfer
0.825 (20.9)
0.815 (20.7)
0.421 (10.7)
0.411 (10.4)
0.718 (18.2)
0.682 (17.3)
0.098 (2.5)
0.075 (1.9)
Lead Depth
0.022 (0.56)
0.018 (0.46)
0.210 (5.3)
0.190 (4.8)
0.040 (1.02)
0.030 (0.76)
0.140 (3.56)
0.128 (3.25)
0.026 (0.66)
0.020 (0.51)
0.050 (1.27)
0.040 (1.02)
0.098 (2.5)
0.075 (1.9)
0.095 (2.41)
0.080 (2.03)
0.080 (2.03)
0.060 (1.50)
Polarity shown on front side of case, positive lead beveled corner



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com