Electronic Components Datasheet Search
  English  ▼

X  

MODEL157 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MODEL157
Description  7/8 (22.2 mm) Precision Industrial Potentiometer Bushing and Servo Mount Versions, Conductive Plastic
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MODEL157 Datasheet(HTML) 2 Page - Vishay Siliconix

  MODEL157 Datasheet HTML 1Page - Vishay Siliconix MODEL157 Datasheet HTML 2Page - Vishay Siliconix MODEL157 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Model 157
7/8" (22.2 mm) Precision Industrial Potentiometer
Bushing and Servo Mount Versions, Conductive Plastic
Vishay Spectrol
Document Number: 57042
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 18-Jun-07
17
SAP PART NUMBERING GUIDELINES
157
S
502
M
X
B10
MODEL
STYLE
OHMIC VALUE
TOLERANCE
LINEARITY
PACKAGING
ON OHMIC VALUE
502 = 5K
M: ± 20 %
X: ± 2 %
Box of 10 pieces
DIMENSIONS in inches (millimeters)
MATERIAL SPECIFICATIONS
Housing/Bushing
Aluminum, anodized
Rear Lid
Ceramic
Shaft
Stainless steel
Terminals
Solderable
Bushing Mount Hardware
Lockwasher, internal tooth steel, nickel plated
Panel Nut
Brass, nickel plated
BUSHING MOUNT: 157B...
0.455
(11.56)
± 0.015
0.062 (1.57)
0.062 (1.57)
Ø 0.1248
Ø 0.1245
(3.17)
0.062 (1.57)
0.500
(12.7)
Ø 0.750
(19.05)
Ø 0.070
(1.78)
Ø 0.050
(1.27)
RETAINER
Ø 0.20 MAX. x 0.02 MAX. (5.08)
Ø 0.7500 (19.05)
Ø 0.7495
12
3
157 - XXXX
XXX
Ω
± XX%
± XX%
XXXX
XXX Country
SERVO MOUNT: 157S...
0.875
(22.22)
± 0.031
Ø 0.2497
(6.34)
RETAINER: Ø 0.312 x 0.03 MAX.
3/
8 - 32 UNEF - 2A
0.345
(8.76)
± 0.015
0.125
(3.18)
± 0.010
Ø 0.9.52 x 1.57 WIDE
IMPERFECT
THREAD AREA
0.365
(9.27)
± 0.010
0.312
(7.92)
LOCATING PIN Ø
0.062 x 0.062
(1.57 x 1.57)
TERM 1
TERM 2
TERM 3
90°
Ø 0.875
(22.2)
0.176 TERMINAL
RADIUS (4.47)
MARKING
+ 0.0000
- 0.0003
TOLERANCES: UNLESS OTHERWISE NOTED.
DECIMALS ± 0.005 ANGLES ± 2°
CW
SCHEMATIC
2
3
1
± 0.031
ENVIRONMENTAL SPECIFICATIONS
Temperature
- 55 °C + 125 °C
Rotational Life
BUSHING
5 million shaft revolutions
SERVO
10 million shaft revolutions
Moisture Resistant
Yes
Vibration
15 g 10 to 2000 Hz
Shock
50 g
Salt Spray
96 h
Load Life
900 h



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com