Electronic Components Datasheet Search
  English  ▼

X  

MODEL162 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MODEL162
Description  1/2 (12.7 mm) Ten Turn Wirewound Bushing Mount Precision Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MODEL162 Datasheet(HTML) 2 Page - Vishay Siliconix

  MODEL162 Datasheet HTML 1Page - Vishay Siliconix MODEL162 Datasheet HTML 2Page - Vishay Siliconix MODEL162 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Model 162
1/2" (12.7 mm) Ten Turn Wirewound
Bushing Mount Precision Potentiometer
Vishay Spectrol
Document Number: 57043
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 18-Jun-07
117
DIMENSIONS in inches (millimeters)
POWER RATING CHART
TOLERANCES: UNLESS OTHERWISE NOTED.
DECIMALS ± 0.005 ANGLES ± 2°
1
3
2
CW
3 TERMINALS EQUALLY
SPACED ON A 0.300 Ø (7.62)
MTG. FACE
0.125
(3.18)
± 0.015
1.000
(25.40)
± 0.015
0.687
(17.45)
± 0.031
Ø 0.0935
(2.37)
Ø 0.281
(7.14)
+ 0.000
- 0.0003
+ 0.000
- 0.001
1/
4 - 32 UNEF-2A
SCREWDRIVER SLOT
0.025 WIDE (0.64) x 0.037 DEEP (0.94)
Ø 0.500
(12.70)
± 0.015
1
2
3
SCHEMATIC
CW
0.040
(1.02)
0.281
(7.14)
± 0.015
MECHANICAL SPECIFICATIONS
PARAMETER
Mechanical Rotation
3600°, + 15° - 0°
Bearing Type:
Torque (Maximum)
STARTING
RUNNING
Sleeve
0.8 oz. - in (57.60 g - cm)
0.6 oz. - in (43.20 g - cm)
Mechanical Runouts (Maximums):
Shaft (TIR)
Pilot Dia. (TIR)
Lateral (TIR)
Shaft End Play
Shaft Radial Play
0.003" (0.08 cm)
0.003" (0.08 cm)
0.005" (0.13 cm)
0.010" (0.25 cm)
0.003" (0.08 cm)
Weight
0.3 oz. (8.50 g) maximum
Stop Strength
20 oz. - in (static) (1.44 kg - cm)
AMBIENT TEMPERATURE IN °C
0
25
50
75
100
125
150
0.5
0
1.0
1.5
2.0
2.5
3.0
RESISTANCE ELEMENT DATA
STANDARD
RESISTANCE
VALUES
(
Ω)
RESO-
LUTION
(%)
OHMS
PER
TURN
MAXIMUM
CURRENT
AT 40 °C
AMBIENT
(mA)
MAXIMUM
VOLTAGE
ACROSS
COIL
(V)
WIRE
TEMP.
COEF.
(ppm/°C)
100
0.092
0.092
141
14
20
200
0.069
0.138
100
20
20
500
0.049
0.245
63
32
20
1K
0.047
0.470
45
45
20
2K
0.038
0.763
32
64
20
5K
0.031
1.56
20
100
20
10K
0.025
2.55
14
140
20
20K
0.020
3.94
10
200
20
30K
0.018
5.34
8.2
246
20
50K
0.015
7.64
6.3
315
20
100K
0.013
13.2
4.5
450
20



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com