Electronic Components Datasheet Search
  English  ▼

X  

MODEL202 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MODEL202
Description  1 3/4 (44.5 mm) Single Turn Wirewound Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MODEL202 Datasheet(HTML) 2 Page - Vishay Siliconix

  MODEL202 Datasheet HTML 1Page - Vishay Siliconix MODEL202 Datasheet HTML 2Page - Vishay Siliconix MODEL202 Datasheet HTML 3Page - Vishay Siliconix MODEL202 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model 202
1 3/4" (44.5 mm) Single Turn Wirewound
Precision Potentiometer
Vishay Spectrol
Document Number: 57052
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 20-Jun-07
101
DIMENSIONS in inches (millimeters)
SERVO MOUNT: 202S
BUSHING MOUNT: 202B
0.831
(21.11)
0.625
(15.88)
± 0.010
± 0.031
0.073 MIN.
(1.85)
0.093
(2.36)
0.062
(1.57)
Ø 1.750
(44.45)
Ø 1.5620
MTG.
(39.67)
± 0.015
+ 0.0000
- 0.0005
Ø 0.2497
(6.34)
+ 0.0000
- 0.0003
MTG. FACE
Ø 1.562
MAX.
(39.67)
Ø 1.750
(44.45)
± 0.015
0.340 MIN.
(8.64)
± 0.010
± 0.031
0.375
(9.52)
± 0.015
0.062
(1.57)
0.239 MIN.
(6.07)
MTG. FACE
3/
8 - 32 UNEF-2A
± 0.015
Ø 0.4062
MGT.
(10.32)
+ 0.0000
- 0.0010
Ø 0.2497
(6.34)
+ 0.0000
- 0.0003
0.705
(17.91)
0.875
(22.22)
Ø 1.750
(44.45)
1
ADD 0.500 ± 0.002 FOR EACH ADDITIONAL SECTION
(12.70)
TOLERANCES: UNLESS OTHERWISE NOTED.
DECIMALS ± 0.005 ANGLES ± 2°
SCREW MOUNT: 202C
± 0.031
0.625
(15.88)
0.800
(20.32)
Ø 0.7500 MTG.
(19.05)
+ 0.000
- 0.0005
Ø 0.2497
(6.34)
+ 0.000
- 0.0003
Ø 1.750
(44.45)
± 0.015
MTG. FACE
0.312 MIN.
(7.92)
16°, 20°
TYP.
45°
± 5°
1.075 R
(27.30)
MAX.
3
1
2
1.015
(25.75)
MAX.
6.32 UNC-2BX 187 ± 0.015 DEEP
(4.75) 2 PLACES ON 1.000 Ø B.C.
(25.40)
0.062
(1.57)
± 0.010
1
1
1
CW
SCHEMATIC
2
3
1
MECHANICAL SPECIFICATIONS
PARAMETER
Mechanical Rotation
360° (continuous)
Bearing Type
Screw and servo mount: Ball bearing
Bushing mount: Sleeve bearing
Ganging
6 sections maximum, Terminal alignment, added sections,
within ± 10° of section 1 Terminals
Torque (Maximums)
1 Section Servo and Screw Types
Bushing, 1 Section
Each Additional Section
STARTING
0.7 oz. - in (50.40 g - cm)
1.0 oz. - in (72.00 g - cm)
0.4 oz. - in (28.80 g - cm)
RUNNING
0.4 oz. - in (28.80 g - cm)
0.7 oz. - in (50.40 g - cm)
0.3 oz. - in (21.60 g - cm)
Mechanical Runouts (Maximums):
Shaft Runout (TIR/in)
Pilot Dia. Runout (TIR)
Lateral Runout (TIR)
Shaft End Play
Shaft Radial Play
SERVO AND SCREW
0.002" (0.05 cm)
0.002" (0.05 cm)
0.003" (0.08 cm)
0.005" (0.13 cm)
0.002" (0.05 cm)
BUSHING
0.002" (0.05 cm)
0.002" (0.05 cm)
0.005" (0.13 cm)
0.005" (0.13 cm)
0.003" (0.08 cm)
Moment of Inertia
1.0 g - cm2 per section maximum
Weight (Maximums):
Single Section
Each Additional Section
3.0 oz. (85.05 g)
1.0 oz. (28.35 g)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com