Electronic Components Datasheet Search
  English  ▼

X  

MODEL208 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MODEL208
Description  1 3/4 (44.5 mm) Single Turn Conductive Plastic Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MODEL208 Datasheet(HTML) 2 Page - Vishay Siliconix

  MODEL208 Datasheet HTML 1Page - Vishay Siliconix MODEL208 Datasheet HTML 2Page - Vishay Siliconix MODEL208 Datasheet HTML 3Page - Vishay Siliconix MODEL208 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model 208
Vishay Spectrol
1 3/4" (44.5 mm) Single Turn Conductive Plastic
Precision Potentiometer
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 57053
36
Revision: 04-Mar-08
DIMENSIONS in inches (millimeters)
SERVO MOUNT: 208 S
0.831
(21.10)
± 0.010
0.625
(15.88)
± 0.031
0.073 MIN.
(1.85)
Ø 1.5620
(39.67)
+ 0.0000
- 0.0005
Ø 1.750
(44.45)
Ø 0.2497
(6.34)
+ 0.0000
- 0.0003
0.062
(1.57)
MTG. FACE
Ø 1.750
(44.45)
± 0.015
Ø 1.562
MAX.
(39.67)
0.093
(2.36)
0.340 MIN.
(8.64)
45°
16° 20°
TYP.
1
2
3
1.015 R MAX.
(25.78)
BUSHING MOUNT: 208 B
0.875
(22.22)
± 0.031
0.375
(9.52)
± 0.015
3/
8 - 32 UNEF - 2A
Ø 0.2497
(6.34)
+ 0.0000
- 0.0003
Ø 1.750
(44.45)
± 0.015
Ø 1.000
(25.40)
Ø 0.4062
(10.32)
+ 0.0000
- 0.0010
MTG. FACE
0.010
(0.25)
0.062
(1.57)
0.239 MIN.
(6.07)
0.705
(17.91)
± 0.010
1.075 R MAX.
(27.30)
± 5°
1
ADD 0.500 ± 0.002 (12.70) FOR EACH
ADDITIONAL SECTION
TOLERANCES: UNLESS OTHERWISE NOTED.
DECIMALS ± 0.005 ANGLES ± 2°
CW
SCHEMATIC
2
3
1
1
1
MECHANICAL SPECIFICATIONS
PARAMETER
Rotation
360° continuous
Bearing Type
SERVO MOUNT
Ball bearing
BUSHING MOUNT
Sleeve bearing
Ganging
6 sections maximum terminal alignment, added
sections within ± 10° of section 1 terminals
Torque (Maximums)
Servo Section 1
Bushing Section 1
Each Additional Section
STARTING
0.7 oz. - in (50.40 g - cm)
1.0 oz. - in (72.0 g - cm)
0.4 oz. - in (28.80 g - cm)
RUNNING
0.4 oz. - in (28.80 g - cm)
0.7 oz. - in (50.40 g - cm)
0.3 oz. - in (21.60 g - cm)
Mechanical Runouts (Maximums):
Shaft (TIR/in)
Pilot Dia. (TIR)
Lateral (TIR)
Shaft End Play
Shaft Radial Play
SERVO
0.002" (0.05 cm)
0.002" (0.05 cm)
0.003" (0.08 cm)
0.005" (0.13 cm)
0.002" (0.05 cm)
BUSHING
0.002" (0.05 cm)
0.002" (0.05 cm)
0.005" (0.13 cm)
0.005" (0.13 cm)
0.003" (0.08 cm)
Moment of Inertia
1.0 g - cm2 per section maximum
Weight:
Single Section
Each Additional Section
3.0 oz. (85.05 g)
1.0 oz. (28.35 g)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com