Electronic Components Datasheet Search
  English  ▼

X  

MODEL302 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MODEL302
Description  2 (50.8 mm) Single Turn Wirewound recision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MODEL302 Datasheet(HTML) 3 Page - Vishay Siliconix

  MODEL302 Datasheet HTML 1Page - Vishay Siliconix MODEL302 Datasheet HTML 2Page - Vishay Siliconix MODEL302 Datasheet HTML 3Page - Vishay Siliconix MODEL302 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Model 302
2" (50.8 mm) Single Turn Wirewound
Precision Potentiometer
Vishay Spectrol
Document Number: 57057
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 28-Jun-07
105
MATERIAL SPECIFICATIONS
Housing and Lids
Aluminum, anodized
Shaft and Clamp Rings
Stainless steel, non-magnetic
non-passivated
Terminals
Brass, plated for solderability
Bushing Mount Hardware
Lockwasher Internal Tooth:
Panel Nut:
Steel, nickel plated
Brass, nickel plated
ENVIRONMENTAL SPECIFICATIONS
Vibration
15 g thru 2000 Hz
Shock
50 g
Salt Spray
96 h
Rotational Life
1 million shaft revolutions
Temperature Range
- 55 °C to + 125 °C
MARKING
Unit
Identification
Units shall be marked with Vishay Spectrol name, model no and date code, and on each section,
resistance, resistance tolerance, linearity and terminal identification
POWER RATING CHART
(Ratings for cup No. 1.
Additional cups 75 % of values shown)
AMBIENT TEMPERATURE IN °C
20
40
60
80
100
120
140
160
0
2
4
6
8
SPECIAL 150 °C
STANDARD 125 °C
RESISTANCE ELEMENT DATA
RESISTANCE
VALUES
(
Ω)
RESO-
LUTION
(%)
OHMS
PER
TURN
MAXIMUM
CURRENT
AT 40 °C
AMBIENT
(mA)
MAXIMUM
VOLTAGE
ACROSS
COIL
(V)
WIRE
TEMP.
COEF.
(ppm/°C)
5
0.320
0.016
893
4.48
800
10
0.200
0.020
633
6.32
800
20
0.165
0.033
447
8.95
800
50
0.148
0.074
283
14.1
800
100
0.151
0.151
200
20.0
20
200
0.126
0.252
141
28.4
20
500
0.115
0.573
89.4
44.7
20
1K
0.098
0.981
63.3
63.2
20
2K
0.085
1.70
44.7
89.5
20
5K
0.059
2.93
28.3
141
20
10K
0.051
5.16
20.0
200
20
20K
0.043
8.55
14.1
284
20
50K
0.032
15.80
8.94
447
20



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com