Electronic Components Datasheet Search
  English  ▼

X  

MODEL308 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MODEL308
Description  2 (50.8 mm) Single Turn Conductive Plastic Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MODEL308 Datasheet(HTML) 2 Page - Vishay Siliconix

  MODEL308 Datasheet HTML 1Page - Vishay Siliconix MODEL308 Datasheet HTML 2Page - Vishay Siliconix MODEL308 Datasheet HTML 3Page - Vishay Siliconix MODEL308 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model 308
2" (50.8 mm) Single Turn Conductive Plastic
Precision Potentiometer
Vishay Spectrol
Document Number: 57058
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 22-Mar-07
39
DIMENSIONS in inches (millimeters)
0.831
(21.10)
± 0.010
0.625
(15.88)
± 0.031
0.073 MIN.
(1.85)
Ø 2.000
(50.80)
Ø 1.8750
(47.62)
+ 0.0000
- 0.0005
Ø 0.2497
(6.34)
+ 0.0000
- 0.0003
0.062
(1.57)
MTG. FACE
Ø 2.000
(50.80)
± 0.015
Ø 1.812
MAX.
(46.02)
0.093
(2.36)
0.340 MIN.
(8.64)
15° TYP.
45°
± 5°
3
1
2
1.200 R MAX.
(30.48)
1.140 R MAX.
(28.96)
SERVO MOUNT: 308 S
BUSHING MOUNT: 308 B
Ø 2.000
(50.80)
± 0.015
Ø 1.375
(34.92)
± 0.015
Ø 0.4062
(10.32)
+ 0.0000
- 0.0010
3/
8 - 32 UNEF - 2A
MTG. FACE
0.010
(0.25)
0.239 MIN.
(6.07)
0.705
(17.91)
± 0.015
0.875
(22.22)
± 0.031
0.375
(9.52)
± 0.010
0.062
(1.57)
Ø 0.2497
(6.34)
+ 0.0000
- 0.0003
1
ADD 0.500 ± 0.002 (12.70) FOR EACH
ADDITIONAL SECTION
TOLERANCES: UNLESS OTHERWISE NOTED.
DECIMALS ± 0.005 ANGLES ± 2°
CW
SCHEMATIC
2
3
1
1
1
POWER RATING CHART
(Ratings for cup No. 1.
Additional cups 75 % of values shown)
AMBIENT TEMPERATURE IN °C
20
40
60
80
100
120
140
160
0
1
2
3
4
RESISTANCE ELEMENT DATA
RESISTANCE
VALUES
(
Ω)
MAXIMUM VOLTAGE
APPLICABLE
(V)
500
32
1K
45
2K
71
5K
100
10K
141
20K
224
50K
316
100K
350*
* Maximum voltage allowable



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com