Electronic Components Datasheet Search
  English  ▼

X  

36MB40A Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 36MB40A
Description  Single Phase Bridge (Power Modules), 25/35 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

36MB40A Datasheet(HTML) 5 Page - Vishay Siliconix

  36MB40A Datasheet HTML 1Page - Vishay Siliconix 36MB40A Datasheet HTML 2Page - Vishay Siliconix 36MB40A Datasheet HTML 3Page - Vishay Siliconix 36MB40A Datasheet HTML 4Page - Vishay Siliconix 36MB40A Datasheet HTML 5Page - Vishay Siliconix 36MB40A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 93563
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 27-Jun-08
5
MB Series
Single Phase Bridge
(Power Modules), 25/35 A
Vishay High Power Products
ORDERING INFORMATION TABLE
CIRCUIT CONFIGURATION
1
-
Current rating code
2
-
Circuit configuration:
3
-
Voltage code x 10 = VRRM
4
-
Diode bridge rectifier:
MB = Single phase european coding
A = 26 MB, 36 MB series
26 = 25 A (average)
36 = 35 A (average)
Device code
13
24
36
MB
120
A
(+)
AC
AC
(-)
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95326



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com