Electronic Components Datasheet Search
  English  ▼

X  

MODEL702 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MODEL702
Description  7/8 (22.2 mm) Single Turn Wirewound Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MODEL702 Datasheet(HTML) 3 Page - Vishay Siliconix

  MODEL702 Datasheet HTML 1Page - Vishay Siliconix MODEL702 Datasheet HTML 2Page - Vishay Siliconix MODEL702 Datasheet HTML 3Page - Vishay Siliconix MODEL702 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Model 702
Vishay Spectrol
7/8" (22.2 mm) Single Turn Wirewound
Precision Potentiometer
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 57069
114
Revision: 12-Jul-07
MATERIAL SPECIFICATIONS
Housing and Lids
Aluminum, anodized
Shaft
Stainless steel, non-magnetic
non-passivated
Terminals
Brass, plated for solderability
Bushing Mount Hardware
Lockwasher Internal Tooth:
Panel Nut:
Steel, nickel plated
Brass, nickel plated
MARKING
Unit
Identification
Units shall be marked with Vishay Spectrol
name, model no and date code, and on each
section:
resistance,
resistance
tolerance,
linearity and terminal identification
ENVIRONMENTAL SPECIFICATIONS
Vibration
15 g thru 2000 CPS
Shock
50 g
Salt Spray
96 h
Rotational Life
1 million shaft revolutions
Load Life
900 h
Operating Temperature
Range:
- 55 °C + 125 °C
POWER RATING CHART
(Ratings for cup No. 1.
Additional cups 75 % of values shown)
20
40
60
80
100
120
140
160
AMBIENT TEMPERATURE IN °C
0
1
1.5
3
2
STANDARD (125 °C)
SPECIAL (150 °C)
RESISTANCE ELEMENT DATA
STANDARD
RESISTANCE
VALUES
(
Ω)
RESO-
LUTION
(%)
OHMS
PER
TURN
MAXIMUM
CURRENT
AT 70 °C
AMBIENT
(mA)
MAXIMUM
VOLTAGE
ACROSS
COIL
(V)
WIRE
TEMP.
COEF.
(ppm/°C)
5
0.460
0.023
500
2.50
800
10
0.378
0.038
354
3.54
800
20
0.374
0.075
250
5.00
180
50
0.300
0.150
158
7.90
180
100
0.271
0.271
112
11.2
20
200
0.235
0.478
79.1
15.8
20
500
0.206
1.03
50.0
25.0
20
1K
0.156
1.56
35.4
35.4
20
2K
0.127
2.55
25.0
50.0
20
5K
0.101
5.07
15.8
79.0
20
10K
0.95
8.50
11.2
112.0
20
20K
0.90
17.9
7.90
158.0
20
50K
0.75
37.9
5.00
250.0
20
100K
0.65
64.5
3.54
354.0
20



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com