Electronic Components Datasheet Search
  English  ▼

X  

MODEL802 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MODEL802
Description  1 13/16inch (46 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MODEL802 Datasheet(HTML) 1 Page - Vishay Siliconix

  MODEL802 Datasheet HTML 1Page - Vishay Siliconix MODEL802 Datasheet HTML 2Page - Vishay Siliconix MODEL802 Datasheet HTML 3Page - Vishay Siliconix MODEL802 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 13/16" (46 mm) Ten Turn Wirewound
Upper Grade Precision Potentiometer
Model 802
Vishay Spectrol
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 57072
132
Revision: 23-Mar-07
FEATURES
• Large range of ohmic values: 20 Ω to 200 kΩ
• Bushing mount, servo mount and screw mount versions
• Gangable up to 3 sections
• Extra taps available upon request
ELECTRICAL SPECIFICATIONS
PARAMETER
Total Resistance
Tolerance: 200
Ω and Above
Below 200
Ω
STANDARD
20
Ω to 200 kΩ
± 3 %
± 5 %
SPECIAL
500 k
Ω
± 1 %
± 3 %
Linearity (Independent)
20
Ω to 50 Ω
50
Ω to 200 Ω
200
Ω and Above
STANDARD
± 0.25 %
± 0.25 %
± 0.25 %
SPECIAL
± 0.15 %
± 0.10 %
± 0.05 %
Noise
100
Ω ENR
Electrical Rotation
3600° + 4° - 0°
Power Rating
Section 1
Each Additional Sections:
5.00 W 70 °C ambient, derated to zero at 125 °C
75 % of the rating of section 1 (3.8 W at 70 °C)
Insulation Resistance
1000 M
Ω minimum, 500 V
DC
Dielectric Strength
1000 VRMS, 60 Hz
Absolute Minimum Resistance
Linearity x total resistance or 0.5
Ω, whichever is greater
End Voltage
Linearity x total applied voltage for total resistance
above 20
Ω, 2.0 % of total applied voltage for 20 and below
Phasing (CCW End Points)
Additional sections phased to section 1 within ± 1°
Taps (Extra)
Available as special, standard tolerance ± 1°
ORDERING INFORMATION/DESCRIPTION
Model 802 can be ordered from this data sheet with a variety of alternate characteristics, as shown above. For most rapid service on your
order, please state:
802
S
1
10K
BO1
MODEL
MOUNTING
NUMBER OF SECTIONS
RESISTANCE OF EACH SECTION
PACKAGING
B: Bushing
S: Servo
C: Screw
From 1 up to 3 max.
Beginning with the section nearest the
mounting end
Box of 1 piece
SAP PART NUMBERING GUIDELINES
802
S
1
103
B01
MODEL
STYLE
NUMBER OF SECTIONS
OHMIC VALUE OF SECTION NO 1PACKAGING


Similar Part No. - MODEL802

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
MODEL82 TTELEC-MODEL82 Datasheet
816Kb / 4P
SINGLE TURN TRIMMER
MODEL82 TTELEC-MODEL82 Datasheet
996Kb / 4P
Single Turn Trimmer
Issue B 04/2019
MODEL82 TTELEC-MODEL82_V01 Datasheet
996Kb / 4P
Single Turn Trimmer
Issue B 04/2019
logo
Vishay Siliconix
MODEL830 VISHAY-MODEL830 Datasheet
228Kb / 4P
1 13/16inch (46 mm) Three Turn Wirewound Bushing Mount
23-Mar-07
logo
TT Electronics.
MODEL84 TTELEC-MODEL84 Datasheet
813Kb / 3P
MULTI-TURN TRIMMER
More results

Similar Description - MODEL802

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MODEL502 VISHAY-MODEL502 Datasheet
261Kb / 4P
7/8 (22.2 mm) Ten-Turn Wirewound Upper Grade Precision Potentiometer
12-Jul-07
MODEL830 VISHAY-MODEL830 Datasheet
228Kb / 4P
1 13/16inch (46 mm) Three Turn Wirewound Bushing Mount
23-Mar-07
MODEL852 VISHAY-MODEL852 Datasheet
397Kb / 4P
1 13/16inch (46 mm) Three Turn Wirewound Upper Grade Precision Potentiometer
22-Mar-07
MODEL860 VISHAY-MODEL860 Datasheet
213Kb / 4P
1 13/16inch (46 mm) Ten Turn Wirewound, Bushing Mount
05-Jul-07
860 VISHAY-860 Datasheet
158Kb / 4P
1 - 13/16” (46mm) Three and Ten Turn Wirewound Precision Potentiometer
16-Jul-03
502 VISHAY-502 Datasheet
106Kb / 4P
(22.2 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
29-Nov-17
552 VISHAY-552 Datasheet
309Kb / 4P
(22.2 mm) Three Turn Wirewound Upper Grade Precision Potentiometer
27-Mar-15
802 VISHAY-802 Datasheet
321Kb / 4P
(46 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
27-Mar-15
852 VISHAY-852 Datasheet
102Kb / 4P
(46 mm) Three Turn Wirewound Upper Grade Precision Potentiometer
14-Oct-2022
860 VISHAY-860_V01 Datasheet
83Kb / 4P
(46 mm) Ten Turn Wirewound Potentiometer, Bushing Mount
10-Apr-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com