Electronic Components Datasheet Search
  English  ▼

X  

TPSMB6.8 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TPSMB6.8
Description  Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TPSMB6.8 Datasheet(HTML) 1 Page - Vishay Siliconix

  TPSMB6.8 Datasheet HTML 1Page - Vishay Siliconix TPSMB6.8 Datasheet HTML 2Page - Vishay Siliconix TPSMB6.8 Datasheet HTML 3Page - Vishay Siliconix TPSMB6.8 Datasheet HTML 4Page - Vishay Siliconix TPSMB6.8 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TPSMB6.8 thru TPSMB43A
Vishay General Semiconductor
Document Number: 88406
Revision: 21-Oct-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
Surface Mount Automotive Transient Voltage Suppressors
High Temperature Stability and High Reliability Conditions
FEATURES
• Patented PAR® construction
• Available in uni-directional polarity only
• 600 W peak pulse power capability with a
10/1000 µs waveform, repetitive rate (duty
cycle): 0.01 %
• Excellent clamping capability
• Very fast response time
• Low incremental surge resistance
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and
lighting on ICs, MOSFET, signal lines of sensor units
for consumer, computer, industrial, automotive and
telecommunication.
MECHANICAL DATA
Case: DO-214AA (SMB)
Molding compound meets UL 94 V-0 flammability
rating
Base P/NHE3 - RoHS compliant, high reliability/
automotive grade (AEC Q101 qualified)
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
HE3 suffix meets JESD 201 class 2 whisker test
Polarity: Color band denotes cathode end
PRIMARY CHARACTERISTICS
VBR
6.8 V to 43 V
PPPM
600 W
IFSM
75 A
TJ max.
185 °C
DO-214AA (SMB)
Patented*
*Patent #'s
4,980,315
5,166,769
5,278,094
Notes:
(1) Non-repetitive current pulse, per Fig. 3 and derated above TA = 25 °C per Fig. 2
(2) Mounted on 0.2 x 0.2" (5.0 x 5.0 mm) land areas per figure
(3) Mounted on 8.3 ms single half sine-wave duty cycle = 4 pulses per minute maximum
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Peak pulse power dissipation with a 10/1000 µs waveform (1)(2) (Fig. 1)
PPPM
600
W
Peak pulse current with a 10/1000 µs waveform (1) (Fig. 3)
IPPM
See next table
A
Peak forward surge current 8.3 ms single half sine-wave (2)(3)
IFSM
75
A
Instantaneous forward voltage at 50 A (3)
VF
3.5
V
Operating junction and storage temperature range
TJ, TSTG
- 65 to + 185
°C


Similar Part No. - TPSMB6.8

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TPSMB6.8 VISHAY-TPSMB6.8 Datasheet
102Kb / 5P
Surface Mount Automotive Transient Voltage Suppressors
10-May-07
TPSMB6.8 VISHAY-TPSMB6.8 Datasheet
82Kb / 5P
Surface Mount PAR Transient Voltage Suppressors
09-Feb-11
logo
Shenzhen Taychipst Elec...
TPSMB6.8 TAYCHIPST-TPSMB6.8 Datasheet
13Mb / 3P
Surface Mount Automotive Transient Voltage Suppressors
logo
General Semiconductor
TPSMB6.8 GE-TPSMB6.8 Datasheet
65Kb / 4P
SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
TPSMB6.8A VISHAY-TPSMB6.8A Datasheet
102Kb / 5P
Surface Mount Automotive Transient Voltage Suppressors
10-May-07
More results

Similar Description - TPSMB6.8

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
3KASMC10 VISHAY-3KASMC10 Datasheet
93Kb / 5P
Surface Mount Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions)
29-Jun-06
TMPG06-43A VISHAY-TMPG06-43A Datasheet
87Kb / 5P
Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions)
13-Dec-06
TPSMA43A VISHAY-TPSMA43A Datasheet
99Kb / 5P
Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
20-Sep-07
TMPG06-43A VISHAY-TMPG06-43A_08 Datasheet
102Kb / 5P
Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
21-Oct-08
TPSMA43A VISHAY-TPSMA43A_08 Datasheet
100Kb / 5P
Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
21-Oct-08
TPSMC47A VISHAY-TPSMC47A Datasheet
109Kb / 5P
Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
21-Oct-08
TMPG06-6.8 VISHAY-TMPG06-6.8_11 Datasheet
85Kb / 5P
PAR Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
09-Feb-11
SM6S28AHE3 VISHAY-SM6S28AHE3 Datasheet
87Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
14-Sep-11
SM6A27-E32D VISHAY-SM6A27-E32D Datasheet
85Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
14-Sep-11
SM8S30AHE32D VISHAY-SM8S30AHE32D Datasheet
98Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
14-Sep-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com